Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563TS/4 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8563TS/4
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563TS/4 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8563TS/4 Datasheet HTML 27Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 28Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 29Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 30Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 31Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 32Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 33Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 34Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
31 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
[1]
CL is a calculation of Ctrim and COSCO in series:
.
[2]
Unspecified for fCLKOUT = 32.768 kHz.
[3]
All timing values are valid within the operating supply voltage at ambient temperature and referenced to VIL and VIH with an input voltage
swing of VSS to VDD.
[4]
A detailed description of the I2C-bus specification is given in Ref. 11 “UM10204”.
[5]
I2C-bus access time between two STARTs or between a START and a STOP condition to this device must be less than one second.
tf
fall time of both SDA and SCL signals
-
-
0.3
s
tBUF
bus free time between a STOP and START
condition
1.3
-
-
s
Cb
capacitive load for each bus line
-
-
400
pF
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set-up time for STOP condition
0.6
-
-
s
tw(spike)
spike pulse width
on bus
-
-
50
ns
Table 30.
Dynamic characteristics …continued
VDD = 1.8 V to 5.5 V; VSS =0V; Tamb = 40 C to +85 C; fosc = 32.768 kHz; quartz Rs =40 k; CL = 8 pF; unless otherwise
specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
C
L
C
trim
C
OSCO

C
trim
C
OSCO
+

-----------------------------------------
=
Fig 27. I2C-bus timing waveforms
SDA
mga728
SDA
SCL
tSU;STA
tSU;STO
tHD;STA
tBUF
tLOW
tHD;DAT
tHIGH
tr
tf
tSU;DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com