Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8563TS/4 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8563TS/4
Description  Real-time clock/calendar
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8563TS/4 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8563TS/4 Datasheet HTML 8Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 9Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 10Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 11Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 12Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 13Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 14Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 15Page - NXP Semiconductors PCF8563TS/4 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
PCF8563
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 11 — 26 October 2015
12 of 45
NXP Semiconductors
PCF8563
Real-time clock/calendar
8.4.7 Register Years
[1]
When the register Years overflows from 99 to 00, the century bit C in the register Century_months is
toggled.
8.5 Setting and reading the time
Figure 7 shows the data flow and data dependencies starting from the 1 Hz clock tick.
During read/write operations, the time counting circuits (memory locations 02h through
08h) are blocked.
This prevents
• Faulty reading of the clock and calendar during a carry condition
• Incrementing the time registers, during the read cycle
October
10
000
November
10
001
December
10
010
Table 16.
Month assignments …continuedin BCD format
Month
Upper-digit
(ten’s place)
Digit (unit place)
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Table 17.
Years - years register (08h) bit description
Bit
Symbol
Value
Place value Description
7 to 4 YEARS
0 to 9
ten’s place
actual year coded in BCD format[1]
3to0
0to9
unit place
Fig 7.
Data flow for the time function
013aaa092
1 Hz tick
WEEKDAY
SECONDS
MINUTES
HOURS
DAYS
LEAP YEAR
CALCULATION
MONTHS
YEARS
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com