Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXTK210P10T Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IXTK210P10T
Description  Trenched P-Channel MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IXTK210P10T Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IXTK210P10T Datasheet HTML 1Page - Inchange Semiconductor Company Limited IXTK210P10T Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISF1324
eq IXTK210P10T
Trenched P-Channel MOSFET
www.iscsemi.com
1
FEATURES
· Drain Current -ID= -210A@ TC=25℃
· Drain Source Voltage -VDSS= -100V(Min)
· Static Drain-Source On-Resistance
-RDS(on) = 7.5mΩ(Max)@VGS= -10V
APPLICATIONS
· Switch Mode Power Supply (SMPS)
· Uninterruptible Power Supply (UPS)
· Power Factor Correction (PFC)
ABSOLUTE MAXIMUM RATINGS
(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
-100
V
VGS
Gate-Source Voltage-Continuous
±
15
V
ID
Drain Current-Continuous
-210
A
IDM
Drain Current-Single Pulse
-800
A
PD
Total Dissipation @TC=25℃
1040
W
TJ
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.12
℃
/W


Similar Part No. - IXTK210P10T

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTK210P10T IXYS-IXTK210P10T Datasheet
185Kb / 6P
P-Channel Enhancement Mode
More results

Similar Description - IXTK210P10T

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
logo
Inchange Semiconductor ...
HSH047P06 ISC-HSH047P06 Datasheet
311Kb / 2P
Trenched P-Channel MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com