Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3525 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3525
Description  LM3525 Single Port USB Power Switch and Over-Current Protection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3525 Datasheet(HTML) 2 Page - Texas Instruments

  LM3525 Datasheet HTML 1Page - Texas Instruments LM3525 Datasheet HTML 2Page - Texas Instruments LM3525 Datasheet HTML 3Page - Texas Instruments LM3525 Datasheet HTML 4Page - Texas Instruments LM3525 Datasheet HTML 5Page - Texas Instruments LM3525 Datasheet HTML 6Page - Texas Instruments LM3525 Datasheet HTML 7Page - Texas Instruments LM3525 Datasheet HTML 8Page - Texas Instruments LM3525 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LM3525
SNVS051D – FEBRUARY 2000 – REVISED MARCH 2013
www.ti.com
Figure 1. LM3525M-L
Figure 2. LM3525M-H
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage
−0.3V to 6.0V
Output Voltage
−0.3V to 6.0V
Voltage at All Other Pins
−0.3V to 5.5V
Power Dissipation (TA = 25°C)
(3)
700 mW
TJMAX
(3)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Electrical specifications do not apply when
operating the device beyond its rated operating conditions. Products are not tested under negative Absolute Maximum conditions.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX (maximum junction temperature),
θJA (junction to ambient thermal resistance), and TA (ambient temperature). The maximum allowable power dissipation at any
temperature is PDMAX = (TJMAX − TA)/θJA or the number given in the Absolute Maximum Ratings, which ever is lower. The thermal
resistance
θJA of the LM3525 in the SOIC-8 package is 150°C/W.
Operating Ratings
Supply Voltage Range
2.7 to 5.5V
Operating Ambient Range
−40°C to +85°C
Operating Junction Temperature Range
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 5 seconds)
260°C
ESD Rating(1)
2 kV
(1)
The human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com