Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3525 Datasheet (PDF) - Texas Instruments

LM3525 Datasheet PDF - Texas Instruments
Part # LM3525
Download  LM3525 Download
File Size   730.66 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3525 Single Port USB Power Switch and Over-Current Protection

LM3525 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3525 Datasheet PDF - Texas Instruments

Part # LM3525
Download  LM3525 Click to download

File Size   730.66 Kbytes
Page   20 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3525 Single Port USB Power Switch and Over-Current Protection

LM3525 Datasheet (HTML) - Texas Instruments


LM3525 Product details

1FEATURES
2• Compatible with USB1.1 and USB 2.0
• 1 ms Fault Flag Delay During Hot-Plug Events
• Smooth Turn-On Eliminates Inrush Induced
Voltage Drop
• UL Recognized Component: REF # 205202
• 1A Nominal Short Circuit Output Current
Protects Notebook PC Power Supplies
• Thermal Shutdown Protects Device in Direct
Short Condition
• 500mA Minimum Continuous Load Current
• Small SOIC-8 Package Minimizes Board Space
• 2.7V to 5.5V Input Voltage Range
• Switch Resistance ≤ 120 mΩ Max. at VIN = 5V
• 1μA Max Standby Current self•
100 μA Max Operating Current
• Undervoltage Lockout (UVLO)

APPLICATIONS
• Universal Serial Bus (USB) Root Hubs
including Desktop and Notebook PC
• USB Monitor Hubs
• Other Self-Powered USB Hub Devices
• High Power USB Devices Requiring Inrush
Limiting
• General Purpose High Side Switch
Applications

DESCRIPTION
The LM3525 provides Universal Serial Bus standard
power switch and over-current protection for all host
port applications. The single port device is ideal for
Notebook PC and Handheld PC applications that
supply power to one port.
A 1 ms delay on fault flag output prevents erroneous
overcurrent reporting caused by inrush currents
during the hot-plug events.
The LM3525 accepts an input voltage between 2.7V
and 5.5V allowing use as a device-based inrush
current limiter for 3.3V USB peripherals, as well as
Root and Self-Powered Hubs at 5.5V. The Enable
input accepts both 3.3V and 5.0V logic thresholds.
The small size, low RON, and 1 ms fault flag delay
make the LM3525 a good choice for root hubs as well
as ganged power control in space-critical self•
powered hubs.




Similar Part No. - LM3525

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
Single Port USB Power Switch and Over-Current Protection
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
Single Port USB Power Switch and Over-Current Protection
logo
National Semiconductor ...
LM3525A NSC-LM3525A Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
LM3525AJ NSC-LM3525AJ Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
LM3525AN NSC-LM3525AN Datasheet
290Kb / 10P
PULSE WIDTH MODULATOR
More results


Similar Description - LM3525

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3525 NSC-LM3525 Datasheet
243Kb / 10P
Single Port USB Power Switch and Over-Current Protection
LM3526 NSC-LM3526 Datasheet
323Kb / 11P
Dual Port USB Power Switch and Over-Current Protection
LM3544 NSC-LM3544 Datasheet
349Kb / 13P
Quad Port USB Power Distribution Switch and Over-Current Protection
LM3543 NSC-LM3543 Datasheet
316Kb / 12P
Triple Port USB Power Distribution Switch and Over-Current Protection
logo
Unisonic Technologies
US3026A UTC-US3026A Datasheet
161Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
US2026A UTC-US2026A Datasheet
224Kb / 11P
DUAL-CHANNEL USB POWER SWITCH AND OVER-CURRENT PROTECTION
logo
Protek Devices
PA3526 PROTEC-PA3526 Datasheet
235Kb / 3P
Dual USB Power Control Switch with Over-Current/Voltage Protection
logo
Texas Instruments
LM3526MX-H TI1-LM3526MX-H Datasheet
1Mb / 18P
LM3526 Dual Port USB Power Switch and Over-Current Protection
logo
Microchip Technology
UCS2112 MICROCHIP-UCS2112 Datasheet
930Kb / 64P
USB Dual-Port Power Switch and Current Monitor
07/14/15
logo
Texas Instruments
LM3525 TI1-LM3525 Datasheet
1Mb / 17P
Single Port USB Power Switch and Over-Current Protection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com