Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TMX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM3535TMX/NOPB
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535TMX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3535TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Options Register
Register Address: 0x30
GT1
bit7
GT0
bit6
RD2
bit5
RD1
bit4
RD0
bit3
RU2
bit2
RU1
bit1
RU0
bit0
MSB
LSB
Configuration Register
Register Address: 0x20
ALSF
bit7
ALS-EN
bit6
ALS-ENB
bit5
ALS-ENA
bit4
62A
bit3
53A
bit2
PWM-P
bit1
PWM-EN
bit0
ENC
bit7
EN1B
bit6
EN62
bit5
EN53
bit4
EN4A
bit3
EN3A
bit2
EN2A
bit1
EN1A
bit0
MSB
LSB
Control Register
Register Address: 0x10
14
LM3535
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
www.ti.com
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
Figure 20. Diode Enable Register Description
Internal Hex Address: 0x10
Each ENx Bit controls the state of the corresponding current sink. Writing a 1 to these bits enables the current
sinks. Writing a 0 disables the current sinks. In order for current to begin flowing through the BankA current
sinks, the brightness codes stored in either the BankA Brightness register or the ALS Brightness registers (with
ALS enabled) must be non-zero. The BankA current sinks can be disabled in two different manors. Writing 0 to
the ENx bits when the current sinks are active will disable the current sinks without going through the ramp down
sequence. Additionally, setting the BankA brightness code to 0 when the current sinks are active (ENx = 1) does
force the diode current to ramp down. All ramping behavior is tied to the BankA Brightness or ALS Brightness
Register settings. Any change in these values causes the LM3535 brightness state machine to ramp the diode
current.
Writing a '1 to ENC, EN1B, EN62 and EN53 (when EN62 and EN53 are assigned to BankB) by default enables
the corresponding current sinks and drive the LEDs to the current value stored in the BankB and BankC
brightness registers. Writing a 0 to these bits immediately disables the current sinks.
The ENC and EN1B bits are ignored if the D1C/ALS pin is configured as an ALS input and if the D1B/INT is
configured as an interrupt flag.
Figure 21. Configuration Register Description
Internal Hex Address:0x20
•
PWM-EN: PWM Input Enable. Writing a 1 = Enable, and a 0 = Ignore (default).
•
PWM-P: PWM Input Polarity. Writing a 0 = Active High (default) and a 1 = Active Low.
•
53A: Assign D53 diode to BankA. Writing a 0 assigns D53 to BankB (default) and a 1 assigns D53 to BankA.
•
62A: Assign D62 diode to BankA. Writing a 0 assigns D62 to BankB (default) and a 1 assigns D62 to BankA.
•
ALS-ENA: Enable ALS on BankA. Writing a 1 enables ALS control of diode current and a 0 (default) forces
the BankA current to the value stored in the BankA brightness register. The ALS-EN bit must be set to a 1 for
the ALS block to control the BankA brightness.
•
ALS-ENB: Enable ALS on BankB. Writing a 1 enables ALS control of diode current and a 0 (default) forces
the BankB current to the value stored in the BankB brightness register. The ALS-EN bit must be set to a 1 for
the ALS block to control the BankB brightness. The ALS function for BankB is different than bankA in that the
ALS will only enable and disable the BankB diodes depending on the ALS zone chosen by the user. BankA
utilizes the 5 different zone brightness registers (Addresses 0x70 to 0x74).
•
ALS-EN: Enables ALS monitoring. Writing a 1 enables the ALS monitoring circuitry and a 0 disables it. This
feature can be enabled without having the current sinks or charge pump active. The ALS value is updated in
register 0x40 (ALS Zone Register)
•
ALSF: ALS Interrupt Enable. Writing a 1 sets the D1B/INT pin to the ALS interrupt pin and writing a 0 (default)
sets the pin to a BankB current sink.
Figure 22. Options Register
Internal Hex Address: 0x30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com