Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3535TMX/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Part # LM3535TMX/NOPB
Description  LM3535 Multi-Display LED Driver With Ambient Light Sensing and Dynamic Backlight Control Compatibility
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3535TMX/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM3535TMX/NOPB Datasheet HTML 23Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 24Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 25Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 26Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 27Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 28Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 29Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 30Page - Texas Instruments LM3535TMX/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
VIN (V)
100
90
80
70
60
50
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VLED = 3.6V
VLED = 3.3V
VLED = 3.0V
4 LEDs @ 25 mA each
VIN (V)
180
170
160
150
140
130
120
110
100
90
80
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VLED = 3.6V
VLED = 3.3V
VLED = 3.0V
4 LEDs @ 25 mA Each
27
LM3535
www.ti.com
SNVS598B – AUGUST 2010 – REVISED MARCH 2018
Product Folder Links: LM3535
Submit Documentation Feedback
Copyright © 2010–2018, Texas Instruments Incorporated
8.2.2.7 Thermal Protection
Internal thermal protection circuitry disables the LM3535 when the junction temperature exceeds 150°C (typical).
This feature protects the device from being damaged by high die temperatures that might otherwise result from
excessive power dissipation. The device recovers and operates normally when the junction temperature falls
below 125°C (typical). It is important that the board layout provide good thermal conduction to keep the junction
temperature within the specified operating ratings.
8.2.2.8 Capacitor Selection
The LM3535 requires 4 external capacitors for proper operation (C1 = C2 = CIN = COUT = 1 µF). Surface-mount
multi-layer ceramic capacitors are recommended. These capacitors are small, inexpensive and have very low
equivalent series resistance (ESR < 20 m
Ω typical). Tantalum capacitors, OS-CON capacitors, and aluminum
electrolytic capacitors are not recommended for use with the LM3535 due to their high ESR, as compared to
ceramic capacitors.
For most applications, ceramic capacitors with X7R or X5R temperature characteristic are preferred for use with
the LM3535. These capacitors have tight capacitance tolerance (as good as ±10%) and hold their value over
temperature (X7R: ±15% over –55°C to 125°C; X5R: ±15% over –55°C to 85°C).
Capacitors with Y5V or Z5U temperature characteristic are generally not recommended for use with the LM3535.
Capacitors with these temperature characteristics typically have wide capacitance tolerance (+80%, –20%) and
vary significantly over temperature (Y5V: +22%, –82% over –30°C to +85°C range; Z5U: +22%, –56% over
+10°C to +85°C range). Under some conditions, a nominal 1µF Y5V or Z5U capacitor could have a capacitance
of only 0.1 µF. Such detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum
capacitance requirements of the LM3535.
The recommended voltage rating for the capacitors is 10 V to account for DC bias capacitance losses.
8.2.3 Application Curves
Figure 37. Input Current vs Input Voltage 4 LEDs
Figure 38. LED Drive Efficiency vs Input Voltage 4 LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com