Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0202MT/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH0202MT/NOPB
Description  LMH0202 Dual SMPTE 292M / 259M Serial Digital Cable Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0202MT/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMH0202MT/NOPB Datasheet HTML 1Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 2Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 3Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 4Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 5Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 6Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 7Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 8Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
LMH0202
SNLS212C – FEBRUARY 2006 – REVISED APRIL 2013
www.ti.com
AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
DRSDI
Input Data Rate
(2)SDI1, SDI1,
1485
Mbps
SDI2, SDI2
tjit
Additive Jitter
1.485 Gbps
SDO1, SDO1,
26
psP-P
SDO2, SDO2
270 Mbps
18
psP-P
tr,tf
Output Rise Time, Fall Time
SD/HD1 = 0, SD/HD2 = 0,
120
220
ps
20% – 80%(3)
SD/HD1 = 1, SD/HD2 = 1,
400
560
800
ps
20% – 80%(3)
Mismatch in Rise/Fall Time
(2)
30
ps
tOS
Output Overshoot
(2)
8
%
RLSDO
Output Return Loss
(4)
15
20
dB
(1)
Typical values are stated for VCC = +3.3V and TA = +25°C.
(2)
Specification is ensured by characterization.
(3)
Specification is ensured by characterization and verified by test.
(4)
Output return loss is dependent on board design. The LMH0202 meets this specification on the SD202 evaluation board from 5 MHz to
1.5 GHz.
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com