Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH0202MT/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH0202MT/NOPB
Description  LMH0202 Dual SMPTE 292M / 259M Serial Digital Cable Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0202MT/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH0202MT/NOPB Datasheet HTML 1Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 2Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 3Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 4Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 5Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 6Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 7Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 8Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SDO2
SDO2
5
6
7
8
9
10
11
12
SDI2
RREF2
SDI2
SD/HD2
VCC2
VEE2
SDO1
SDO1
1
2
3
4
13
14
15
16
SDI1
RREF1
SDI1
SD/HD1
VCC1
VEE1
LMH0202
www.ti.com
SNLS212C – FEBRUARY 2006 – REVISED APRIL 2013
LMH0202 Dual SMPTE 292M / 259M Serial Digital Cable Driver
Check for Samples: LMH0202
1
FEATURES
DESCRIPTION
The LMH0202 Dual SMPTE 292M / 259M serial
2
•
SMPTE 292M, SMPTE 344M and SMPTE 259M
digital cable driver is a monolithic, high-speed cable
Compliant
driver designed for use in SMPTE 292M / 259M serial
•
Data Rates to 1.485 Gbps
digital video and ITU-T G.703 serial digital data
•
Dual Differential Inputs
transmission applications. The LMH0202 drives 75
Ω
transmission lines (Belden 8281, Belden 1694A or
•
Dual 75
Ω Differential Outputs
equivalent) at data rates up to 1.485 Gbps.
•
Two Selectable Slew Rates
The LMH0202 provides two selectable slew rates for
•
Adjustable Output Amplitude
SMPTE 259M and SMPTE 292M compliance. The
•
Single 3.3V Supply Operation
output voltage swing is adjustable via a single
•
Commercial Temperature Range: 0°C to +70°C
external resistor.
•
Typical Power Consumption: 250 mW in SD
The LMH0202 offers the flexibility to implement either
Mode and 300 mW in HD Mode
dual differential inputs or a single differential input
(externally routed via PCB) to dual differential
APPLICATIONS
outputs. The latter option provides an ideal solution
for DVB-ASI applications where only the non-inverted
•
SMPTE 292M, SMPTE 344M, and SMPTE 259M
outputs are typically used.
Serial Digital Interfaces
The LMH0202 is powered from a single 3.3V supply.
•
DVB-ASI Applications
Power consumption is typically 250 mW in SD mode
•
Sonet/SDH and ATM Interfaces
and 300 mW in HD mode.
•
Digital Routers and Switches
•
Distribution Amplifiers
•
Buffer Applications
•
Video Cameras
Connection Diagram
Figure 1. 16-Pin TSSOP
See PW Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH0202MT/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0202MT/NOPB TI1-LMH0202MT/NOPB Datasheet
692Kb / 12P
Dual SMPTE 292M / 259M Serial Digital Cable Driver
More results

Similar Description - LMH0202MT/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC002 NSC-CLC002 Datasheet
446Kb / 4P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002 Datasheet
459Kb / 5P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002_0610 NSC-LMH0002_0610 Datasheet
495Kb / 6P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0202_0606 NSC-LMH0202_0606 Datasheet
503Kb / 6P
Dual SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 NSC-LMH0002_08 Datasheet
247Kb / 6P
SMPTE 292M / 259M Serial Digital Cable Driver
logo
Texas Instruments
LMH0002TMAX TI-LMH0002TMAX Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI1-LMH0002SQE Datasheet
786Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002SQE TI-LMH0002SQE Datasheet
766Kb / 13P
LMH0002 SMPTE 292M / 259M Serial Digital Cable Driver
LMH0002 TI1-LMH0002_14 Datasheet
784Kb / 14P
SMPTE 292M / 259M Serial Digital Cable Driver
LMH0202 TI1-LMH0202 Datasheet
692Kb / 12P
Dual SMPTE 292M / 259M Serial Digital Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com