Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM4410CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM4410CS
Description  25V N-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4410CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM4410CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4410CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4410CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4410CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4410CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4410CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM4410
25V N-Channel MOSFET
1/6
Version: A07
SOP-8
Features
●
Advance Trench Process Technology
●
High Density Cell Design for Ultra Low On-resistance
Application
●
Load Switch
●
Dc-DC Converters and Motors Drivers
Ordering Information
Part No.
Package
Packing
TSM4410CS RL
SOP-8
2.5Kpcs / 13” Reel
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
25
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
ID
25
A
Pulsed Drain Current
IDM
50
A
Continuous Source Current (Diode Conduction)
a,b
IS
2.3
A
Ta = 25
oC
2
Maximum Power Dissipation
Ta = 70
oC
PD
1.3
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
RӨJC
30
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
RӨJA
50
oC/W
Notes:
a. Maximum DC current limited by the package
b. Surface Mounted on 1” x 1” FR4 Board, t ≤ 10 sec.
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
15 @ VGS = 10V
10
25
21 @ VGS = 4.5V
8
Block Diagram
N-Channel MOSFET
Pin Definition:
1. Source
2. Source
3. Source
4. Gate
5, 6, 7, 8. Drain


Similar Part No. - TSM4410CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM4410CS TSC-TSM4410CS Datasheet
139Kb / 3P
N-Channel Enhancement Mode MOSFET
TSM4410CSRL TSC-TSM4410CSRL Datasheet
126Kb / 6P
25V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
TSM4410CSRL VBSEMI-TSM4410CSRL Datasheet
2Mb / 9P
N-Channel 20V (D-S) MOSFET
More results

Similar Description - TSM4410CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM55N03 TSC-TSM55N03_07 Datasheet
363Kb / 6P
25V N-Channel MOSFET
TSM35N03 TSC-TSM35N03_07 Datasheet
354Kb / 6P
25V N-Channel MOSFET
TSM35N03 TSC-TSM35N03_09 Datasheet
244Kb / 6P
25V N-Channel MOSFET
TSM75N03 TSC-TSM75N03 Datasheet
65Kb / 4P
25V N-Channel MOSFET
TSM4410 TSC-TSM4410_08 Datasheet
126Kb / 6P
25V N-Channel MOSFET
TSM25N03 TSC-TSM25N03_08 Datasheet
132Kb / 6P
25V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF3612E GOOD-ARK-SSF3612E_15 Datasheet
459Kb / 4P
25V N-Channel MOSFET
SSFM2508 GOOD-ARK-SSFM2508 Datasheet
577Kb / 7P
25V N-Channel MOSFET
SSFM2506L GOOD-ARK-SSFM2506L Datasheet
683Kb / 7P
25V N-Channel MOSFET
logo
Guangdong Youtai Semico...
NTD4860 UMW-NTD4860 Datasheet
482Kb / 7P
25V N -Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com