Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3100B Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3100B
Description  EXTERNAL DESKTOP POWER SUPPLY 5VDC 50WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3100B Datasheet(HTML) 1 Page - TT Electronics.

  SW3100B Datasheet HTML 1Page - TT Electronics. SW3100B Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXTERNAL DESKTOP POWER
SUPPLY 5VDC 50WATT
POWERPAX: SW3100B
© TT Electronics plc
ISS.3 27/09/2023 Page: 1
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Features:
•
Universal Input
•
IEC-320-C14 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
•
Safety approved to: UL,CUL,GS,PSE,BSMI,CB,RCM
Description:
The TT Range of 50 watt AC/DC switch mode power supplies provide 50 watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Number
SW3100B
Input Voltage Range
100 → 240 Vac
Input Frequency Range
50 → 60 Hz
Input Connector
IEC 320-C14
Input Current Rated
1.2A Max.
Inrush Current
70A Max. / 230 Vac
Leakage Current
<3.5mA
Efficiency
≥87.403%
Power Consumption
≤0.1W (At 230Vac & 230 Vac)
Output Voltage Rating
5V
Output Current Range
10A
Output Min Current
0A
Output Connection Type
4 Pin Din
Line and Load Regulation
+/-5%
Over Voltage Protection
180% Max.
Over Current Protection
180% Max.
Short Circuit Protection
Automatic recovery after short-circuit fault being removed
Ripple Voltage
100mV Max.
Hi-Pot
3000Vac 10mA 1 min
Safety Approved
UL/CUL/GS/PSE/BSMI/CB/RCM
EMI Standard
FCC Class B, CE
Operating Temperature Range
0°C → +40°C
Storage Temperature
-20°C → +80°C
Operating Humidity
20% to 80%
Storage Humidity
10% to 90%
Dimensions
139(L) x 61 (W) x 36 (H) mm
Product Weight
332 g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW3100B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3101F-C2 TTELEC-SW3101F-C2 Datasheet
256Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 60WATT
22/05/2020
SW3101F-WH TTELEC-SW3101F-WH Datasheet
287Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 60WATT
SW3102D TTELEC-SW3102D Datasheet
260Kb / 2P
EXTERNAL DSEKTOP POWER SUPPLY 15VDC 65WATT
01/10/2021
More results

Similar Description - SW3100B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CUP45 ETC1-CUP45 Datasheet
209Kb / 2P
AC/DC External Desktop 45 Watts
logo
CAMBION Electronic Comp...
555-8810 CAMBION-555-8810 Datasheet
42Kb / 1P
Self leaded power inductor, 25/50Watt
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
180W Level Desktop Type Power Supply
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
240W Level Desktop Type Power Supply
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
logo
Advantech Co., Ltd.
BB-PS-WDS ADVANTECH-BB-PS-WDS Datasheet
353Kb / 1P
5VDC, 3A, 15W Switching Power Supply
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
5Vdc, 3A, 15W Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com