Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3102D Datasheet (PDF) - TT Electronics.

SW3102D Datasheet PDF - TT Electronics.
Part # SW3102D
Download  SW3102D Download
File Size   260.04 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EXTERNAL DSEKTOP POWER SUPPLY 15VDC 65WATT

SW3102D Datasheet (PDF)

Go To PDF Page Download Datasheet
SW3102D Datasheet PDF - TT Electronics.

Part # SW3102D
Download  SW3102D Click to download

File Size   260.04 Kbytes
Page   2 Pages
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.
Description EXTERNAL DSEKTOP POWER SUPPLY 15VDC 65WATT

SW3102D Datasheet (HTML) - TT Electronics.


SW3102D Product details

Features:
• Universal Input
• IEC-320-C8 Input Connector
• 3 Year Warranty
• Efficiency Level VI
• Safety approved to: UL,CUL,GS,RCM, PSE, BSMI, CB UL62368-1, EN62368-1, UKCA62368-1 (Pending)
Description:
Our Range of 65 watt AC/DC switch mode power supplies provide 65 watts of continuous output power in a high quality compact enclosure suitable for many general power applications.




Similar Part No. - SW3102D

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3100B TTELEC-SW3100B Datasheet
334Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 5VDC 50WATT
27/09/2023
SW3101F-C2 TTELEC-SW3101F-C2 Datasheet
256Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 60WATT
22/05/2020
SW3101F-WH TTELEC-SW3101F-WH Datasheet
287Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 60WATT
More results


Similar Description - SW3102D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD74106 TI1-UCD74106 Datasheet
866Kb / 28P
Synchronous-Buck Power Stage External Bias Supply
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
logo
STMicroelectronics
P-NUCLEO-USB001 STMICROELECTRONICS-P-NUCLEO-USB001 Datasheet
484Kb / 7P
A power connector to interface with external power supply
15-Feb-2017
logo
Silicon Laboratories
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
Powered from USB port or external power supply
logo
Ultralife Corporation.
MRC-11A ULTRALIFE-MRC-11A Datasheet
240Kb / 2P
Four Position External Battery Power Supply
Rev:B
MRC-188 ULTRALIFE-MRC-188 Datasheet
782Kb / 2P
External Battery Power Supply for INDRA Terminal
07 March 2016 Rev A
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
logo
Omron Electronics LLC
H7ER OMRON-H7ER Datasheet
149Kb / 6P
Subminiature Tachometer Requires No External Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com