Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3102D Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3102D
Description  EXTERNAL DSEKTOP POWER SUPPLY 15VDC 65WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3102D Datasheet(HTML) 1 Page - TT Electronics.

  SW3102D Datasheet HTML 1Page - TT Electronics. SW3102D Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERPAX: SW3102D
© TT Electronics plc
ISS.3 01/10/2021 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C8 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
•
Safety approved to: UL,CUL,GS,RCM, PSE, BSMI, CB
UL62368-1, EN62368-1, UKCA62368-1 (Pending)
Description:
Our Range of 65 watt AC/DC switch mode power supplies provide 65 watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Code
SW3102D
Input Voltage Range
100 → 240 Vac
Input Frequency Range
50 → 60Hz
Input Connector
IEC 320-C8
Input Current Rated
1.4A Max.
Inrush Current
80A Max. / 240Vac
Cold Start At 25°C Full Load
Leakage Current
<0.25mA
Efficiency
89%
Input Power (Output: No Load)
<0.15W
Output Voltage Rating
15VDC
Output Current Range
4.34amp
Output Min Current
0A
Output Connection Type
2.1 x 5.5 x 12 mm centre positive – Straight
Line and Load Regulation
+/-5%
Over Voltage Protection
V out *150%(Max)
Over Load Protection
V out *180%(Max)
Short Circuit Protection
Automatic recovery after short-circuit fault being removed
Ripple Voltage
150 mVpp Max.
Hi-Pot
300,000Hrs
Safety Approved
UL/CUL/EN/GS/PSE/BSMI/CB/RCM/(UKCA pending)
EMI Standard
CE / FCC Class B
Operating Temperature Range
0° to +40 °C
Storage Temperature
-20° to 80°C
Operating Humidity
20% to 80%
Storage Humidity
10% to 90%
Dimensions
(L) 115 x (W) 53 x (H) 38mm
Product Weight
310g
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW3102D

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3100B TTELEC-SW3100B Datasheet
334Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 5VDC 50WATT
27/09/2023
SW3101F-C2 TTELEC-SW3101F-C2 Datasheet
256Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 60WATT
22/05/2020
SW3101F-WH TTELEC-SW3101F-WH Datasheet
287Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 60WATT
More results

Similar Description - SW3102D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD74106 TI1-UCD74106 Datasheet
866Kb / 28P
Synchronous-Buck Power Stage External Bias Supply
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
logo
STMicroelectronics
P-NUCLEO-USB001 STMICROELECTRONICS-P-NUCLEO-USB001 Datasheet
484Kb / 7P
A power connector to interface with external power supply
15-Feb-2017
logo
Silicon Laboratories
SI5341-EVB SILABS-SI5341-EVB Datasheet
2Mb / 18P
Powered from USB port or external power supply
SI5344-EVB SILABS-SI5344-EVB Datasheet
3Mb / 19P
Powered from USB port or external power supply
logo
Ultralife Corporation.
MRC-11A ULTRALIFE-MRC-11A Datasheet
240Kb / 2P
Four Position External Battery Power Supply
Rev:B
MRC-188 ULTRALIFE-MRC-188 Datasheet
782Kb / 2P
External Battery Power Supply for INDRA Terminal
07 March 2016 Rev A
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
logo
Omron Electronics LLC
H7ER OMRON-H7ER Datasheet
149Kb / 6P
Subminiature Tachometer Requires No External Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com