Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXP4013/02P. Datasheet(PDF) 1 Page - Bulgin Limited. All rights reserved.

Part # PXP4013/02P.
Description  4000 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP4013/02P. Datasheet(HTML) 1 Page - Bulgin Limited. All rights reserved.

  PXP4013/02P. Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP4013/02P. Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP4013/02P. Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP4013/02P. Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP4013/02P. Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP4013/02P. Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1 Buccaneer for Power
BUCCANEER FOR POWER
4000 Series Buccaneer
Sealed to IP66 IP68 and IP69K when mated
IP68 rating tested at 1.054kg/sq cm (15lb/sq in) 10m
depth for 2 weeks
3, 8 & 12 pole configuration
Power ratings up to 13A, 600V
Cable range from 3 to 7mm
Diameter over coupling ring 19.7mm
Flex, Flex In-Line, Rear Panel and
PCB mounting body styles
Colour coded O-rings & washers for easy
identificaiton purposes
Plug and Socket versions in all body styles
Flame Retardant moulding material - Polyamide
UL94-V0
Contacts supplied separately (except PCB versions)
Sealing caps available to maintain IP68 rating
Crimp and solder contacts
UL, CSA and VDE approvals (pending)
EN60068-2-52 Test Kb Salt Mist (Cyclic)
Marine Severity Level 1
EN60068-2-64 Vibration Resistance


Similar Part No. - PXP4013/02P.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PXP4013 ETC2-PXP4013 Datasheet
1Mb / 6P
4000 Series Buccaneer
More results

Similar Description - PXP4013/02P.

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
Buccaneer Antenna
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
IP68 Sealed - Mini USB Buccaneer
logo
List of Unclassifed Man...
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
400 Series Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
Mini Buccaneer
PX0731 ETC2-PX0731 Datasheet
3Mb / 9P
BUCCANEER FOR POWER
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
SMB Buccaneer
PX0840A2M00 ETC2-PX0840A2M00 Datasheet
556Kb / 7P
USB Buccaneer
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
400 Series Buccaneer
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
4000 Series Buccaneer
logo
Raltron Electronics Cor...
OX6740A RALTRON-OX6740A Datasheet
43Kb / 2P
OCXO SERIES 4000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com