Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PXP4013/02P. Datasheet(PDF) 3 Page - Bulgin Limited. All rights reserved.

Part # PXP4013/02P.
Description  4000 Series Buccaneer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BULGINLIMITED [Bulgin Limited. All rights reserved.]
Direct Link  https://www.bulgin.com/
Logo BULGINLIMITED - Bulgin Limited. All rights reserved.

PXP4013/02P. Datasheet(HTML) 3 Page - Bulgin Limited. All rights reserved.

  PXP4013/02P. Datasheet HTML 1Page - Bulgin Limited. All rights reserved. PXP4013/02P. Datasheet HTML 2Page - Bulgin Limited. All rights reserved. PXP4013/02P. Datasheet HTML 3Page - Bulgin Limited. All rights reserved. PXP4013/02P. Datasheet HTML 4Page - Bulgin Limited. All rights reserved. PXP4013/02P. Datasheet HTML 5Page - Bulgin Limited. All rights reserved. PXP4013/02P. Datasheet HTML 6Page - Bulgin Limited. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 Buccaneer for Power
BUCCANEER FOR POWER
4000 Series Buccaneer
Rear Panel Mounting Connector
PXP4013
Mates with Flex Cable
connector PXP4010, PXP4011
Rear Panel mounting
Pin or socket
Singleholefixing
Contacts supplied separately
3, 8 or 12 pole
PCB Mounting Connector
PXP4013/XXX/PC
Mates with Flex Cable
connector PXP4010, PXP4011
Pin or socket
PCB Rear Panel mounting
Straight PC spills
Supplied with pre-loaded gold
plated contacts
3, 8, or 12 pole
Sealing Caps and Accessories
PXP4081 PXP4082 PXP4083
Maintains IP-sealed rating of
unmated connectors
Gland Packs
O-ring & washer pack
PXP4088/3050
PXP4088/5070
PXP4089/WH
PXP4089/RD
PXP4089/BL
PXP4089/YL
PXP4089/GN
Pack of 4 pairs cable glands and collets to suit cables from
3.0 to 5.0mm diameter.
Pack of 4 pairs cable glands and collets to suit cables from
5.0 to 7.0mm diameter.
White coloured O-ring and washer pack
Red coloured O-ring and washer pack
Blue coloured O-ring and washer pack
Yellow coloured O-ring and washer pack
Green coloured O-ring and washer pack
B
C
D
A
2
3
5
4
6
7
8
1
F
E
A
B
C
D
E
F
Drawing no.
Title / Description
Created by
Approved by
Scale
Date issue created
Sheet 1 OF 1
A3
Finish
Material
Document type
Brand
Elektron Technology UK Ltd
Broers Building
JJ Thomson Avenue
Cambridge CB3 0FA
United Kingdom
www.elektron-technology.com
Sheet size
Sheet no.
DO NOT SCALE DRAWING
Drawing no.
Used on
THIRD ANGLE
PROJECTION
TOLERANCES UNLESS OTHERWISE
STATED SHALL ADHERE TO:
ALL DIMENSIONS IN MILLIMETERS
ISO 2768-
COPYRIGHT© 2014 ELEKTRON TECHNOLOGY UK LTD. ALL RIGHTS RESERVED, NO UNAUTHORISED DUPLICATION OR MANUFACTURE PERMITTED
ISSUE
ECR No.
NOTE
DATE
2
3
5
4
6
7
8
1
24,8
6.2
MAX PANEL
16,3
19.1/19.2
22,5
PANEL SEAL
BULGIN
ARTWORK
ART_PXP4013-##P
REAR PANEL /
PCB MOUNT
C TAYLOR
09/11/15
ART_PXP4013-##P
N/A
CLEAN & FREE FROM
FLASH
3:1
09/11/15
INITIAL RELEASE
1
PXP4013-##P
-
B
C
D
A
2
3
5
4
6
7
8
1
F
E
A
B
C
D
E
F
Drawing no.
Title / Description
Created by
Approved by
Scale
Date issue created
Sheet 1 OF 1
A3
Finish
Material
Document type
Brand
Elektron Technology UK Ltd
Broers Building
JJ Thomson Avenue
Cambridge CB3 0FA
United Kingdom
www.elektron-technology.com
Sheet size
Sheet no.
DO NOT SCALE DRAWING
Drawing no.
Used on
THIRD ANGLE
PROJECTION
TOLERANCES UNLESS OTHERWISE
STATED SHALL ADHERE TO:
ALL DIMENSIONS IN MILLIMETERS
ISO 2768-
COPYRIGHT© 2014 ELEKTRON TECHNOLOGY UK LTD. ALL RIGHTS RESERVED, NO UNAUTHORISED DUPLICATION OR MANUFACTURE PERMITTED
ISSUE
ECR No.
NOTE
DATE
2
3
5
4
6
7
8
1
24,8
6.2
MAX PANEL
16,3
19.1/19.2
22,5
PANEL SEAL
BULGIN
ARTWORK
ART_PXP4013-##P
REAR PANEL /
PCB MOUNT
C TAYLOR
09/11/15
ART_PXP4013-##P
N/A
CLEAN & FREE FROM
FLASH
3:1
09/11/15
INITIAL RELEASE
1
PXP4013-##P
-
Part no.
Description
Part no.
Description
Part no.
Description
PXP4081
PXP4082
PXP4083
Sealing cap for use with
PXP4010 & PXP4040
Sealing cap for use with
PXP4011
Sealing cap for use with
PXP4013 & PXP4043



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com