Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT Datasheet(PDF) 1 Page - United Automation Ltd. All rights reserved

Part # MAT
Description  MANUAL PHASE ANGLE TRIAC TRIGGER MODULE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITEDAUTOMATION [United Automation Ltd. All rights reserved]
Direct Link  https://united-automation.com/
Logo UNITEDAUTOMATION - United Automation Ltd. All rights reserved

MAT Datasheet(HTML) 1 Page - United Automation Ltd. All rights reserved

  MAT Datasheet HTML 1Page - United Automation Ltd. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTRODUCTION
The MAT is a variable phase-angle triac trigger module. It is a compact, safe
and tamperproof unit capable of driving all typical triacs on 230/110V ac
regulator circuits. The unit has a manual control potentiometer and minimum
output trimmer built in a industrial panel mounting enclosure.
APPLICATIONS
Suitable for most ac resistive or inductive loads via a triac, on single phase to
neutral supplies, within voltage limits.
FEATURES
• Compact and easy to use
• Solid state reliability
• Single hole panel mounting
• Minimum offset
• Highly efficient
INSTALLATION
MANUAL PHASE ANGLE
TRIAC TRIGGER
MODULE
MAT
X10224
SPECIFICATIONS
ac system line voltage
110/230V ± 10%
Line frequency
50/60Hz
Minimum offset at 110V
0-50%
Minimum offset at 230V
0-50%
Conduction phase angle typical
0-160°
Controlled phase angle typical
30-160°
Isolation voltage
2500V rms
Maximum leakage current
6mA
Storage temperature
0-85
°C
Operating temperature
0-65
°C
Mounting hole diameter
10mm
FUSING
It is recommended to use semiconductor fast acting type fuses or circuit breakers
(Semiconductor-MCB) for unit/device protection. On initial ‘switch on’ some loads may need an
increased Factor of Safety (F of S) for unit and/or device protection.
(See the SRA Datasheet for further information).
CE MARKING
This product family carries a “CE marking”. These phase angle controllers need a suitable remote
filter. For information see recommendation section and contact our sales desk. (See Declaration of
Conformity).
RECOMMENDATION
Other documents available on request, which may be appropriate for your applications.
CODE
IDENTITY
DESCRIPTION
X10229
RFI
Filtering recommendation - addressing EMC directive.
X10213
ITA
Interaction, uses for phase angle and for burst fire control.
X10255
SRA
Safety requirements - addressing the Low Voltage Directive
(LVD) including :-Thermal data/cooling ; “Live” parts warning
& Earth requirements; Fusing recommendations.
P01.1
COS
UAL Conditions of sale
NOTE: It is recommended that installation and maintenance of this equipment should be done
with reference to the current edition of the I.E.T. (formally I.E.E.) regulations (BS7671) by suitably
qualified/trained personnel. The regulations contain important requirements regarding installation
and safety of electrical equipment. Specific installers should refer to local and national regulations.
ORDER CODE:
State part number: MAT.
Optional extras include triac, heatsink assembly.
UNITED AUTOMATION LIMITED
Southport Business Park
Tel: 0044 (0) 1704 – 516500
Wight Moss W ay
Fax: 0044 (0) 1704 – 516501
Southport, PR8 4HQ
enquiries@united-automation.com
ENGLAND
www.united-automation.com
Page No. 2 of 2
Issue 3
Date 31/07/12
RoHS Compliant


Similar Part No. - MAT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAT MACOM-MAT Datasheet
102Kb / 2P
TO-5 HIGH-PERFORMANCE RELAYS
logo
Schurter Inc.
MAT SCHURTER-MAT Datasheet
155Kb / 3P
Special Fuse, 14 x 50 mm
logo
Sennheiser electronic S...
MAT 153-S SENNHEISER-MAT 153-S Datasheet
640Kb / 3P
Gooseneck Microphone and Tablestand
MAT 153-S B - BLACK SENNHEISER-MAT 153-S B - BLACK Datasheet
640Kb / 3P
Gooseneck Microphone and Tablestand
logo
Analog Devices
MAT-04 AD-MAT-04 Datasheet
492Kb / 12P
Matched Monolithic Quad Transistor
More results

Similar Description - MAT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TDA1185A MOTOROLA-TDA1185A Datasheet
515Kb / 9P
Triac Phase Angle Controller
logo
Integral Corp.
ILA1185A INTEGRAL-ILA1185A Datasheet
141Kb / 3P
TRIAC PHASE ANGLE CONTROLLER
logo
IK Semicon Co., Ltd
ILA1185A IKSEMICON-ILA1185A Datasheet
187Kb / 4P
TRIAC PHASE ANGLE CONTROLLER
logo
Merrimac Industries, In...
PS-5-5B MERRIMAC-PS-5-5B Datasheet
95Kb / 1P
PHASE SHIFTERS, MANUAL
PSM-2A-60 MERRIMAC-PSM-2A-60 Datasheet
96Kb / 1P
PHASE SHIFTERS, MANUAL
PSM-2D-2250 MERRIMAC-PSM-2D-2250 Datasheet
99Kb / 1P
PHASE SHIFTER, MANUAL
PSM-4E-10B MERRIMAC-PSM-4E-10B Datasheet
101Kb / 1P
PHASE SHIFTERS, MANUAL
PSP-4-10B MERRIMAC-PSP-4-10B Datasheet
133Kb / 1P
PHASE SHIFTERS, MANUAL
PSS-2-70 MERRIMAC-PSS-2-70 Datasheet
71Kb / 1P
PHASE SHIFTERS, MANUAL
logo
IK Semicon Co., Ltd
ILA1185A IKSEMICON-ILA1185A_11 Datasheet
125Kb / 4P
TRIAC PHASE ANGLE CONTROLLER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com