Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT161 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ACT161
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT161 Datasheet(HTML) 1 Page - STMicroelectronics

  74ACT161 Datasheet HTML 1Page - STMicroelectronics 74ACT161 Datasheet HTML 2Page - STMicroelectronics 74ACT161 Datasheet HTML 3Page - STMicroelectronics 74ACT161 Datasheet HTML 4Page - STMicroelectronics 74ACT161 Datasheet HTML 5Page - STMicroelectronics 74ACT161 Datasheet HTML 6Page - STMicroelectronics 74ACT161 Datasheet HTML 7Page - STMicroelectronics 74ACT161 Datasheet HTML 8Page - STMicroelectronics 74ACT161 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74ACT161
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
s
HIGH SPEED:
fMAX =125 MHz (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =8
µA (MAX.) at TA =25 oC
s
COMPATIBLE WITH TTL OUTPUTS
VIH =2V (MIN), VIL = 0.8V (MAX)
s
50
Ω TRANSMISSION LINE DRIVING
CAPABILITY
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 24 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH
≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC (OPR) = 4.5V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 161
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The
ACT161
is
a
high-speed
CMOS
SYNCRONOUS
PRESETTABLE
COUNTER
fabricated with sub-micron silicon gate and
double-layer metal wiring C
2MOS technology. It is
ideal for low power applications mantaining high
speed operation similar to eqivalent Bipolar
Schottky TTL. It is a 4 bit binary counter with
Asynchronous Clear.
The circuit have four fundamental modes of
operation, in order of preference: synchronous
reset, parallel load, count-up and hold. Four
control inputs, Master Reset (CLEAR), Parallel
Enable Input (LOAD), Count Enable Input (PE)
and Count Enable Carry Input (TE), determine
the mode of operation as shown in the Truth
Table. A LOW signal on CLEAR overrides
counting and parallel loading and sets all outputs
on LOW state. A LOW signal on LOAD overrides
counting and allows information on Parallel Data
Qn inputs to be loaded into the flip-flops on the
next rising edge of CLOCK. With LOAD and
CLEAR, PE and TE permit counting when both
are HIGH. Conversely, a LOW signal on either
PE and TE inhibits counting.
The device is designed to interface directly High
Speed CMOS systems with TTL, NMOS and
CMOS output voltage levels.
All inputs
and
outputs are
equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
M
(Micro Package)
B
(Plastic Package)
ORDER CODES :
74ACT161B
74ACT161M
®
1/11


Similar Part No. - 74ACT161

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT161 FAIRCHILD-74ACT161 Datasheet
155Kb / 11P
Synchronous Presettable Binary Counter
logo
STMicroelectronics
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
335Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-2001
74ACT161B STMICROELECTRONICS-74ACT161B Datasheet
335Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-2001
74ACT161M STMICROELECTRONICS-74ACT161M Datasheet
335Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-2001
logo
Fairchild Semiconductor
74ACT161MTC FAIRCHILD-74ACT161MTC Datasheet
115Kb / 11P
Synchronous Presettable Binary Counter
More results

Similar Description - 74ACT161

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Dec-1998
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
961Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
29-Jul-2004
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
2001-Apr
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-2001
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
29-Jul-2004
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
898Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
74ACT161 STMICROELECTRONICS-74ACT161_01 Datasheet
335Kb / 13P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Apr-2001
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com