Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1-25/I2/SVB Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # P1-25/I2/SVB
Description  Main switch, 3 pole, 25 A, Emergency-Stop function, Lockable in the 0 (Off) position, surface mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-25/I2/SVB Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  P1-25/I2/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P1-25/I2/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P1-25/I2/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P1-25/I2/SVB Datasheet HTML 4Page - Eaton All Rights Reserved. P1-25/I2/SVB Datasheet HTML 5Page - Eaton All Rights Reserved. P1-25/I2/SVB Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
12/21/2015
207293 - HPL-ED2015 V18.0 EN
1 / 6
Main￿switch,￿3￿pole,￿25￿A,￿Emergency-Stop￿function,￿Lockable￿in￿the￿0
(Off)￿position,￿surface￿mounting
Part￿no. 
P1-25/I2/SVB
Article￿no. 
207293
 
Delivery￿programme
Product range
 
 
Main switch
maintenance switch
Repair switch
Part group reference
 
 
P1
Emergency STOP
 
 
Emergency switching off function
 
 
 
With red rotary handle and yellow locking ring
Information about equipment supplied
 
 
Auxiliary contact or neutral conductor fitted by user.
Number of poles
 
 
3 pole
Auxiliary￿contacts
 
 
 
 
 
N/O
0
 
 
N/C
0
Locking facility
 
 
Lockable in the 0 (Off) position
Degree of Protection
 
 
IP65
 
 
 
Design
 
 
surface mounting
 
 
 
Contact sequence
 
 
Function
 
 
Motor￿rating￿AC-23A,￿50￿-￿60￿Hz
 
 
 
400 V
P
kW
11
Rated uninterrupted current
Iu
A
25
Technical￿data
General
Standards
 
 
IEC/EN 60947, VDE 0660, IEC/EN 60204, CSA, UL
Switch-disconnector according to IEC/EN 60947-3
Climatic proofing
 
 
Damp heat, constant, to IEC 60068-2-78
Damp heat, cyclic, to IEC 60068-2-30
Ambient temperature
 
 
 


Similar Part No. - P1-25/I2/SVB

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
P1-25/I2/SVB-SW/HI11 EATON-P1-25/I2/SVB-SW/HI11 Datasheet
357Kb / 6P
Main switch, P1, 25 A, surface mounting, 3 pole, 1 N/O, 1 N/C, STOP function, With black rotary handle and locking ring, Lockable in the 0 (Off) position
06/29/2020
P1-25/I2/SVB/HI11 EATON-P1-25/I2/SVB/HI11 Datasheet
360Kb / 6P
Main switch, P1, 25 A, surface mounting, 3 pole, 1 N/O, 1 N/C, Emergency switching off function, With red rotary handle and yellow locking ring, Lockable in the 0 (Off) position
06/29/2020
P1-25/I2/SVB/N EATON-P1-25/I2/SVB/N Datasheet
331Kb / 6P
Main switch, 3 pole N, 25 A, Emergency Stop function, Lockable in the 0 (Off) position, surface mounting
03/18/2016
More results

Similar Description - P1-25/I2/SVB

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VVE0 SCHNEIDER-VVE0 Datasheet
135Kb / 3P
TeSys Vario - emergency stop switch disconnector - 25 A - back of enclosure
Jul 12, 2021
VCF0 SCHNEIDER-VCF0 Datasheet
185Kb / 3P
TeSys Vario - emergency stop switch disconnector - 25 A - on door
Jul 12, 2021
VCCF0 SCHNEIDER-VCCF0 Datasheet
96Kb / 3P
TeSys Vario - emergency stop switch disconnector - 25 A - back of enclosure
Jul 12, 2021
VCCD0 SCHNEIDER-VCCD0 Datasheet
96Kb / 3P
TeSys Vario - emergency stop switch disconnector - 25 A - back of enclosure
Jul 12, 2021
9001SKR9P1LRRH13 SCHNEIDER-9001SKR9P1LRRH13 Datasheet
71Kb / 1P
SWITCH EMERGENCY STOP
Jan 13, 2022
VCCD0 SCHNEIDER-VCCD0_V01 Datasheet
110Kb / 3P
TeSys Vario - emergency stop switch disconnector - 25 A - back of enclosure
Jun 13, 2022
VCD0 SCHNEIDER-VCD0 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 25 A - on door
Jun 13, 2022
VCF0 SCHNEIDER-VCF0_V01 Datasheet
199Kb / 3P
TeSys Vario - emergency stop switch disconnector - 25 A - on door
Jun 13, 2022
VVE0 SCHNEIDER-VVE0_V01 Datasheet
150Kb / 3P
TeSys Vario - emergency stop switch disconnector - 25 A - back of enclosure
logo
Eaton All Rights Reserv...
T0-1-102 EATON-T0-1-102 Datasheet
198Kb / 6P
Main switch, T0, 20 A, flush mounting, 1 contact unit(s), 2 pole, Emergency switching off function, With red rotary handle and yellow locking ring, Lockable in the 0 (Off) position
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com