Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1-25/I2/SVB Datasheet(PDF) 5 Page - Eaton All Rights Reserved.

Part # P1-25/I2/SVB
Description  Main switch, 3 pole, 25 A, Emergency-Stop function, Lockable in the 0 (Off) position, surface mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-25/I2/SVB Datasheet(HTML) 5 Page - Eaton All Rights Reserved.

  P1-25/I2/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P1-25/I2/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P1-25/I2/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P1-25/I2/SVB Datasheet HTML 4Page - Eaton All Rights Reserved. P1-25/I2/SVB Datasheet HTML 5Page - Eaton All Rights Reserved. P1-25/I2/SVB Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
12/21/2015
207293 - HPL-ED2015 V18.0 EN
5 / 6
Approvals
Product Standards
 
 
UL 508; CSA-C22.2 No. 14-05; CSA-C22.2 No. 94; IEC/EN 60947-3; CE marking
UL File No.
 
 
E36332
UL Category Control No.
 
 
NLRV
CSA File No.
 
 
12528
CSA Class No.
 
 
3211-05
North America Certification
 
 
UL listed, CSA certified
Specially designed for North America
 
 
Yes, in combination with "+NA-I2" (105866)
Suitable for
 
 
Branch circuits, suitable as motor disconnect
Degree of Protection
 
 
IEC: IP65; UL/CSA Type 1, 12
Dimensions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com