Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP358 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP358
Description  Ultra-Low Power Dual Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP358 Datasheet(HTML) 3 Page - Texas Instruments

  LP358 Datasheet HTML 1Page - Texas Instruments LP358 Datasheet HTML 2Page - Texas Instruments LP358 Datasheet HTML 3Page - Texas Instruments LP358 Datasheet HTML 4Page - Texas Instruments LP358 Datasheet HTML 5Page - Texas Instruments LP358 Datasheet HTML 6Page - Texas Instruments LP358 Datasheet HTML 7Page - Texas Instruments LP358 Datasheet HTML 8Page - Texas Instruments LP358 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
1
1OUT
8
VCC
2
1IN±
7
2OUT
3
1IN+
6
2IN±
4
GND
5
2IN+
Not to scale
3
LP358, LP2904
www.ti.com
SLOS475A – AUGUST 2005 – REVISED MAY 2017
Product Folder Links: LP358 LP2904
Submit Documentation Feedback
Copyright © 2005–2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, DGK Package
8-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
GND
4
—
Ground or negative power supply
1IN+
3
I
Channel 1 noninverting input
1IN–
2
I
Channel 1 inverting input
1OUT
1
O
Channel 1 output
2IN+
5
I
Channel 2 noninverting input
2IN–
6
I
Channel 2 inverting input
2OUT
7
O
Channel 2 output
VCC
8
—
Positive power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com