Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP358 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP358
Description  Ultra-Low Power Dual Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP358 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP358 Datasheet HTML 4Page - Texas Instruments LP358 Datasheet HTML 5Page - Texas Instruments LP358 Datasheet HTML 6Page - Texas Instruments LP358 Datasheet HTML 7Page - Texas Instruments LP358 Datasheet HTML 8Page - Texas Instruments LP358 Datasheet HTML 9Page - Texas Instruments LP358 Datasheet HTML 10Page - Texas Instruments LP358 Datasheet HTML 11Page - Texas Instruments LP358 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
VCC
OUT
IN−
IN+
8
LP358, LP2904
SLOS475A – AUGUST 2005 – REVISED MAY 2017
www.ti.com
Product Folder Links: LP358 LP2904
Submit Documentation Feedback
Copyright © 2005–2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LP358 and LP2904 devices consist of two independent, low-power, unity-gain, stable operational amplifiers
designed to operate from a single supply over a wide range of voltages. Operation from split supplies also is
possible. The input voltage range includes ground and extends up to VCC – 1.5 V. The output cannot drive to
either rail, however, loads terminated to ground can support VOL as low as ground. Loads to VCC can support VOH
as high as VCC.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Power Efficient Output Stage
Darlington source driver and emitter follower sink driver will pass bias current through the load to keep device
quiescent current independent of load current.
8.3.2 Input Common-Mode Range
The valid common-mode range is from device ground to VCC – 1.5 V. Inputs may exceed VCC up to the maximum
VCC without device damage. At least one input must be in the valid input common-mode range for output to be
correct phase. If both inputs exceed valid range then output phase is undefined. If either input is less than –0.3 V
then input current must be limited to 1 mA and output phase is undefined.
8.4 Device Functional Modes
These devices are powered on when the supply is connected. This device can be operated as a single-supply
operational amplifier or dual-supply amplifier depending on the application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com