Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP358DR Datasheet(PDF) 7 Page - Texas Instruments

Part # LP358DR
Description  Ultra-Low Power Dual Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP358DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP358DR Datasheet HTML 3Page - Texas Instruments LP358DR Datasheet HTML 4Page - Texas Instruments LP358DR Datasheet HTML 5Page - Texas Instruments LP358DR Datasheet HTML 6Page - Texas Instruments LP358DR Datasheet HTML 7Page - Texas Instruments LP358DR Datasheet HTML 8Page - Texas Instruments LP358DR Datasheet HTML 9Page - Texas Instruments LP358DR Datasheet HTML 10Page - Texas Instruments LP358DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Supply Voltage (V)
0
5
10
15
20
25
30
0
20
40
60
80
100
120
-40C
0C
25C
70C
85C
125C
Output Voltage (V)
0
1
2
3
4
5
-30
-25
-20
-15
-10
-5
0
5
-40 qC
0 qC
25 qC
70 qC
85 qC
125 qC
Output Voltage (V)
0
1
2
3
4
5
-2
0
2
4
6
8
10
-40 qC
0 qC
25 qC
70 qC
85 qC
125 qC
7
LP358, LP2904
www.ti.com
SLOS475A – AUGUST 2005 – REVISED MAY 2017
Product Folder Links: LP358 LP2904
Submit Documentation Feedback
Copyright © 2005–2017, Texas Instruments Incorporated
7 Typical Characteristics
See Recommended Operating Conditions for device temperature limits.
VCC = 5 V
Figure 1. Sourcing Output Current vs Output Voltage
VCC = 5 V
Figure 2. Sinking Output Current vs Output Voltage
No load
Figure 3. Supply Current vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com