Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP358DR Datasheet(PDF) 1 Page - Texas Instruments

Part # LP358DR
Description  Ultra-Low Power Dual Operational Amplifiers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP358DR Datasheet(HTML) 1 Page - Texas Instruments

  LP358DR Datasheet HTML 1Page - Texas Instruments LP358DR Datasheet HTML 2Page - Texas Instruments LP358DR Datasheet HTML 3Page - Texas Instruments LP358DR Datasheet HTML 4Page - Texas Instruments LP358DR Datasheet HTML 5Page - Texas Instruments LP358DR Datasheet HTML 6Page - Texas Instruments LP358DR Datasheet HTML 7Page - Texas Instruments LP358DR Datasheet HTML 8Page - Texas Instruments LP358DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
VCC
OUT
IN−
IN+
IN−
IN+
OUT
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP358, LP2904
SLOS475A – AUGUST 2005 – REVISED MAY 2017
Ultra-Low Power Dual Operational Amplifiers
1
1 Features
1
•
Low Supply Current: 54 μA (Typical)
•
Low Offset Voltage: 2 mV (Typical)
•
Low Input Bias Current: 2 nA (Typical)
•
Input Common-Mode to GND
•
Wide Supply Voltage: 3 V < VCC < 32 V
•
Pin Compatible With LM358 and LM2904
2 Applications
•
LCD Displays
•
Portable Instrumentation
•
Sensor and Metering Equipment
•
Consumer Electronics (MP3 Players, Toys)
•
Power Supplies
3 Description
The LP358 and LP2904 devices are dual low-power
operational amplifiers especially suited for battery-
operated applications. Good input specifications and
wide supply-voltage range still are achieved despite
the ultra-low supply current. Single-supply operation
is achieved with an input common-mode range that
includes GND.
The
LP358
and
LP2904
devices
are
ideal
in
applications where wide supply voltages and low
power are more important than speed and bandwidth.
These applications include portable instrumentation,
LCD displays, consumer electronics (MP3 players,
toys, and so forth), and power supplies.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP2904
SOIC (8)
4.90 × 3.91
LP358
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Symbol (Each Amplifier)
Schematic (Each Amplifier)


Similar Part No. - LP358DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP358DR TI-LP358DR Datasheet
144Kb / 6P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
LP358DR TI-LP358DR Datasheet
287Kb / 9P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
LP358DRE4 TI-LP358DRE4 Datasheet
144Kb / 6P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
LP358DRE4 TI-LP358DRE4 Datasheet
287Kb / 9P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
LP358DRG4 TI-LP358DRG4 Datasheet
287Kb / 9P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - LP358DR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
LP358 TI-LP358 Datasheet
144Kb / 6P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
logo
Texas Instruments
LP358 TI-LP358_07 Datasheet
287Kb / 9P
ULTRA-LOW-POWER DUAL OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com