Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3113-C2 Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3113-C2
Description  EXTERNAL DESKTOP POWER SUPPLY 12VDC 15WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3113-C2 Datasheet(HTML) 1 Page - TT Electronics.

  SW3113-C2 Datasheet HTML 1Page - TT Electronics. SW3113-C2 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXTERNAL DESKTOP POWER
SUPPLY 12VDC 15WATT
POWERPAX: SW3113-C2
© TT Electronics plc
ISS.3 07/12/2022 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C8 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
•
Safety approved to: UL,CUL,FCC,GS,CE,RCM
Description:
Our Range of 15 watt AC/DC switch mode power supplies provide 15 watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Code
SW3113-C2
Input Voltage Range
100→ 240 Vac
Input Frequency Range
50 → 60Hz
Input Connector
IEC 320-C8
Input Current Rated
0.6A max.
Inrush current
NO DAMAGE
Leakage Current
0.25mA.
Efficiency
84.5%
Input Power (Output: No Load)
Max. 0.1W
Output Voltage Rating
12Vdc
Output Current Range
1.25A
Output Min Current
0A
Output Connection Type
2.1 x 5.5 x 12 mm centre positive – Straight
Line and Load Regulation
LOAD +/-5% LINE +/-5%
Over Voltage Protection
The output voltage shall be clamped by internal protection.
Over Load Protection
The output voltage shall be clamped by internal protection.
Short Circuit Protection
The adapter shall not be damaged by short the DC output to Ground.
The adapter shall resume normal operation when a short circuited fault
condition is removed
Ripple Voltage
150 mV (p-p) (100-240 Vac Input )
Hi-Pot
3000Vac,5m A, 1 minute.
Safety Approved
UL,CSA, GS, CE, UK, RCM (Including EN62368-1, BS EN2368-1)
EMI Standard
Approved to EN55032, EN55035, EN61000-3-2, EN61000-3-3
Operating Temperature Range
0° → +40 °C
Storage Temperature
-20° → 80°C
Operating Humidity
10% to 90%
Storage Humidity
10% to 90%
Dimensions
(L) 101 x (W) 43.3 x (H) 31.3mm
Product Weight
123g


Similar Part No. - SW3113-C2

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3110B TTELEC-SW3110B Datasheet
296Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 5VDC 12.5WATT
22/05/2020
SW3111B TTELEC-SW3111B Datasheet
256Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 9VDC 14.4WATT
29/05/2020
SW3114-B TTELEC-SW3114-B Datasheet
243Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 24WATT
22/05/2020
SW3114LUG-B TTELEC-SW3114LUG-B Datasheet
235Kb / 2P
INSTALLATION WALL MOUNT POWER SUPPLY 12VDC 2A
18/10/2021
SW3115-C2 TTELEC-SW3115-C2 Datasheet
318Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 15VDC 15WATT
22/05/2020
More results

Similar Description - SW3113-C2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CUP45 ETC1-CUP45 Datasheet
209Kb / 2P
AC/DC External Desktop 45 Watts
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
180W Level Desktop Type Power Supply
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
240W Level Desktop Type Power Supply
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com