Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT174B Datasheet(PDF) 2 Page - STMicroelectronics

Part # 74ACT174B
Description  HEX D-TYPE FLIP FLOP WITH CLEAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT174B Datasheet(HTML) 2 Page - STMicroelectronics

  74ACT174B Datasheet HTML 1Page - STMicroelectronics 74ACT174B Datasheet HTML 2Page - STMicroelectronics 74ACT174B Datasheet HTML 3Page - STMicroelectronics 74ACT174B Datasheet HTML 4Page - STMicroelectronics 74ACT174B Datasheet HTML 5Page - STMicroelectronics 74ACT174B Datasheet HTML 6Page - STMicroelectronics 74ACT174B Datasheet HTML 7Page - STMicroelectronics 74ACT174B Datasheet HTML 8Page - STMicroelectronics 74ACT174B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
INPUT AND OUTPUT EQUIVALENT CIRCUIT
LOGIC DIAGRAM
PIN DESCRIPTION
PIN No
SYMBOL
NAME AND F UNCTIO N
1
CLEAR
Asyncronous Master Reset
(Active LOW)
2, 5, 7, 10,
12, 15
Q0 to Q5
Flip-Flop Outpus
3, 4, 6, 11,
13, 14
D0 to D5
Data Inputs
9
CLOCK
Clock Input (LOW-to-HIGH,
Edge- Triggered)
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
TRUTH TABLE
INPUTS
O UTPUTS
FUNCTI ON
CL EAR
D
CLOCK
Q
L
X
X
L
CLEAR
HL
L
HH
H
HX
Qn
NO CHANGE
X: Don’t Care
This logic diagram has not be used to estimate propagation delays
74ACT174
2/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com