Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT174B Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74ACT174B
Description  HEX D-TYPE FLIP FLOP WITH CLEAR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT174B Datasheet(HTML) 5 Page - STMicroelectronics

  74ACT174B Datasheet HTML 1Page - STMicroelectronics 74ACT174B Datasheet HTML 2Page - STMicroelectronics 74ACT174B Datasheet HTML 3Page - STMicroelectronics 74ACT174B Datasheet HTML 4Page - STMicroelectronics 74ACT174B Datasheet HTML 5Page - STMicroelectronics 74ACT174B Datasheet HTML 6Page - STMicroelectronics 74ACT174B Datasheet HTML 7Page - STMicroelectronics 74ACT174B Datasheet HTML 8Page - STMicroelectronics 74ACT174B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500
Ω, Input tr =tf =3 ns)
Symbol
Parameter
T est Cond iti on
Value
Unit
VCC
(V)
TA =25
oC-40 to 85 oC
Mi n.
Typ.
Max.
Min .
Max.
tPLH
tPHL
Propagation Delay Time
CK to Q
5.0
(*)
1.5
7.0
10.5
11.5
ns
tPLH
tPHL
Propagation Delay Time
CLR to Q
5.0
(*)
1.5
6.5
9.5
11.0
ns
twL
CLR pulse Width, LOW
5.0
(*)
1.5
3.0
3.5
ns
tw
CK pulse Width
5.0
(*)
1.5
3.0
3.5
ns
ts
Setup Time Q to CK HIGH
or LOW
5.0
(*)
0.5
1.5
1.5
ns
th
Hold Time Q to CK HIGH
or LOW
5.0
(*)
1.0
2.0
2.0
ns
tREM
Recovery Time CLR to CK
5.0
(*)
-1.0
0.5
0.5
ns
fMAX
Maximum Clock Frequency
5.0
(*)
165
200
140
MHz
(*) Voltage range is 5V
± 0.5V
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Test Con dition s
Value
Unit
VCC
(V)
TA =25
oC-40 to 85 oC
Mi n.
Typ.
Max.
Min .
Max.
CIN
Input Capacitance
5.0
4
pF
CPD
Power Dissipation
Capacitance (note 1)
5.0
fIN = 10 MHz
TBD
pF
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to
Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/n (per circuit)
74ACT174
5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com