Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3437 Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3437
Description  OPEN FRAME POWER SUPPLY 15VDC 12WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3437 Datasheet(HTML) 1 Page - TT Electronics.

  SW3437 Datasheet HTML 1Page - TT Electronics. SW3437 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OPEN FRAME POWER SUPPLY
15VDC 12WATT
POWERPAX: SW3437
© TT Electronics plc
ISS.3 18/06/2020 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal / Full range AC input
•
JST input and output connectors (XH type)
•
Fully enclosed attractive plastic case
•
Protections: Over Voltage, Short Circuit, Over Current
•
Cost effective and high reliability
•
Safety approved
•
Level V ErP/EuP efficiency compliant
•
MTBF >50,000 hours
Description:
The 12W open frame power supply range has been specially designed to offer high efficiency, long life and high reliability for
use in a variety of applications. Each model is approved to CE, CB, UL and comes with a 3 year warranty.
Specification
Rated Input Voltage
100-240VAC (90-264vac max)
Power
12 Watts
Output V
15vdc
Output Amp
0.8Amp
Current Min
0
Load Regulation
±5% Typical
Rated Frequency
50-60Hz (47/63Hz max)
Efficiency
Meets ErP stage 2
Operating Temperature
0°C to 40°C
Storage Temperature
-20°C to 80°C
Operating Humidity
10% to 90%
Ripple & Noise
1-2% Vp-p
Hi Pot
3000VAC 10mA 1min
Input Connector
JST Part number XHP-3
Output Connector
JST Part number XHP-4
No Load Power Consumption
0.3W max
Weight
40g
Dimensions
60 x 42.8 x 17mm
Packing
180pcs/Ctn 406 x 250 x 298mm
Safety & Emissions
CB/UL/CE
CE CISPR 22 Class B
VCCI Class B
EN55024/A1:2001
Electrostatic discharge: 61000-4-2
Radiated electromagnetic fields: 61000-4-3
Fast transients (Burst): 61000-4-4
Surge transients: 61000-4-5
Conducted disturbance: 61000-4-6
Voltage dips, interruptions % Variations: 61000-4-11


Similar Part No. - SW3437

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
SW34 ALPHAWIRE-SW34 Datasheet
386Kb / 3P
RoHS-Compliant Commencing With 10/1/2004 Production
logo
VBsemi Electronics Co.,...
SW3404 VBSEMI-SW3404 Datasheet
491Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Xian Semipower Electron...
SW3406 SEMIPOWER-SW3406 Datasheet
836Kb / 6P
N-channel Enhanced mode SOT-23 MOSFET
logo
VBsemi Electronics Co.,...
SW3406 VBSEMI-SW3406 Datasheet
491Kb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Xian Semipower Electron...
SW340R10ET SEMIPOWER-SW340R10ET Datasheet
831Kb / 6P
N-channel Enhanced mode TO-220 MOSFET
More results

Similar Description - SW3437

ManufacturerPart #DatasheetDescription
logo
CUI INC
VS-100F-5 CUI-VS-100F-5 Datasheet
86Kb / 2P
Open Frame Power Supply
VS-100F-7 CUI-VS-100F-7 Datasheet
86Kb / 2P
Open Frame Power Supply
VS-100F-12 CUI-VS-100F-12 Datasheet
86Kb / 2P
Open Frame Power Supply
VS-100F-15 CUI-VS-100F-15 Datasheet
86Kb / 2P
Open Frame Power Supply
VS-100F-24 CUI-VS-100F-24 Datasheet
86Kb / 2P
Open Frame Power Supply
VS-100F-48 CUI-VS-100F-48 Datasheet
86Kb / 2P
Open Frame Power Supply
VPD-2515 CUI-VPD-2515 Datasheet
82Kb / 2P
Open Frame Switching Power Supply
logo
Delta Electronics, Inc.
PJ-12V150WBNA DELTA-PJ-12V150WBNA Datasheet
1Mb / 14P
PJ Open Frame Power Supply
logo
Arch Electronics Corp.
SZA100 ARCH-SZA100 Datasheet
201Kb / 5P
Open Frame Switching Power Supply
logo
Advantech Co., Ltd.
96PSO-A60W24 ADVANTECH-96PSO-A60W24 Datasheet
263Kb / 2P
OPEN FRAME Power Supply
04-Aug-2014
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com