Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3473G Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3473G
Description  EXTERNAL DESKTOP POWER SUPPLY 12VDC 30WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3473G Datasheet(HTML) 1 Page - TT Electronics.

  SW3473G Datasheet HTML 1Page - TT Electronics. SW3473G Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EXTERNAL DESKTOP POWER
SUPPLY 12VDC 30WATT
POWERPAX: SW3473G
© TT Electronics plc
ISS.4 20/01/2023 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Features:
•
Universal Input
•
IEC-320-C8 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
Description:
Our Range of 30 watt AC/DC switch mode power supplies provide 30 watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Code
SW3473G
Input Voltage Range
100 → 240Vac
Input Frequency Range
50/60Hz +/-3Hz
Input Connector
IEC 320-C8
Input Current Rated
1.0A max.
Inrush Current
Shall be limited to 100A max
Leakage Current
<0.25mA
Efficiency
86.95% Min
Power Consumption
Max. 0.1W
Output Voltage Rating
12 VDC
Output Current Range
2.5A
Total Power
30W
Output Connection Type
2.5x5.5x12mm centre positive— Right Angle
Over Voltage Protection
18V Max.
Over Current Protection
The power supply will be protection when output power at 110-
200% of all rated dc output
Short Circuit Protection
No Damage
Ripple Voltage
150 mV Max.
Hi-Pot
3000 Vac 10mA 1 min
Safety Approved
EN62368-1, BS EN62368-1
EMC Standard
BS EN55032
BS EN55035
BS EN IEC 61000-3-2
BS EN 61000-3-3
Operating Temperature Range
0°C → +40°C
Storage Temperature
-20°C → +85°C
Operating Humidity
10% to 95%
Storage Humidity
10% to 95%
Dimensions
110.8 (L) x 48 (W) x 33.6 (H) mm
Product Weight
200g
MTBF
50K Hrs.
Regulator Type
Switched Mode Power Supply


Similar Part No. - SW3473G

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3470B TTELEC-SW3470B Datasheet
321Kb / 2P
EXTERNAL DSEKTOP POWER SUPPLY 24VDC 90WATT
01/10/2021
SW3477D TTELEC-SW3477D Datasheet
351Kb / 2P
EXTERNAL DSEKTOP POWER SUPPLY 12VDC 130WATT
29/09/2021
SW3479-VI TTELEC-SW3479-VI Datasheet
369Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 24VDC 120WATT
12/12/2022
SW3479-VI-2.5 TTELEC-SW3479-VI-2.5 Datasheet
406Kb / 3P
EXTERNAL DSEKTOP POWER SUPPLY 24VDC 120WATT
01/10/2021
More results

Similar Description - SW3473G

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
FWC100012A-12B ETC2-FWC100012A-12B Datasheet
114Kb / 3P
100 Watt ITE Desktop Power Supply
logo
Innovative Power Produc...
IPP-TB101C-50 IPP-IPP-TB101C-50 Datasheet
51Kb / 1P
Ternination, 30Watt, Flangeless
logo
Mean Well Enterprises C...
ENP-180 MEANWELL-ENP-180 Datasheet
103Kb / 4P
180W Level Desktop Type Power Supply
ENP-240 MEANWELL-ENP-240 Datasheet
102Kb / 4P
240W Level Desktop Type Power Supply
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com