Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW3477D Datasheet(PDF) 1 Page - TT Electronics.

Part # SW3477D
Description  EXTERNAL DSEKTOP POWER SUPPLY 12VDC 130WATT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SW3477D Datasheet(HTML) 1 Page - TT Electronics.

  SW3477D Datasheet HTML 1Page - TT Electronics. SW3477D Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWERPAX: SW3477D
© TT Electronics plc
ISS.3 29/09/2021 Page: 1
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics IoT Solutions Ltd
Tofts Farm East, Brenda Road, Hartlepool, TS25 2BQ, UK
t: +44 (0) 1429 852 500
Description:
Our Range of 130 watt AC/DC switch mode power supplies provide 130 watts of continuous output power in a high quality
compact enclosure suitable for many general power applications.
Specification
Part Code
SW3477D
Input Voltage Range
100 → 240 Vac
Input Frequency Range
50 → 60Hz
Input Connector
IEC 320-C14
Input Current Rated
2.0A(Max.) at 115Vac input with full load.
Inrush Current
60A at 110 Vac At cold start, maximum load.
120A at 220 Vac At cold start, maximum load.
Leakage Current
250uA at 240Vac/50 Hz
Efficiency
88% Min
Input Power(Output: No Load)
≤0.21W
Output Voltage Rating
+12V
Output Current Range
10.83A
Output Min Current
0A
Output Connection Type
2.1 x 5.5 x 12 mm centre positive – Straight
Line and Load Regulation
+/-5%
Over Voltage Protection
150% Max. of rated voltage
Over Load Protection
Auto Recovery
Short Circuit Protection
Auto Recovery
Ripple Voltage
1.5% of rated output voltage
Hi-Pot
3000Vac 10mA 1 min. (I.P. to O.P.)
Safety Approved
UL, CUL, EN, CB, CE, CCC, FCC, BSMI, (UKCA pending)
EMI Standard
CISPR 22, EN 55022 Class B
Operating Temperature Range
0°C → +40 °C
Storage Temperature
-20°C → +85°C
Operating Humidity
10% to 90%
Storage Humidity
5% to 90%
Dimensions
(L) 179 x (W) 65 x (H) 40mm
Product Weight
705g
Regulator Type
Switched Mode Power Supply
Features:
•
Universal Input
•
IEC-320-C14 Input Connector
•
3 Year Warranty
•
Efficiency Level VI
•
Safety approved to: UL,CUL, EN, FCC,GS,CE,RCM
UL62368-1, EN62368-1, UKCA62368-1 (Pending)


Similar Part No. - SW3477D

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SW3470B TTELEC-SW3470B Datasheet
321Kb / 2P
EXTERNAL DSEKTOP POWER SUPPLY 24VDC 90WATT
01/10/2021
SW3473G TTELEC-SW3473G Datasheet
377Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 12VDC 30WATT
20/01/2023
SW3479-VI TTELEC-SW3479-VI Datasheet
369Kb / 2P
EXTERNAL DESKTOP POWER SUPPLY 24VDC 120WATT
12/12/2022
SW3479-VI-2.5 TTELEC-SW3479-VI-2.5 Datasheet
406Kb / 3P
EXTERNAL DSEKTOP POWER SUPPLY 24VDC 120WATT
01/10/2021
More results

Similar Description - SW3477D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD74106 TI1-UCD74106 Datasheet
866Kb / 28P
Synchronous-Buck Power Stage External Bias Supply
logo
rfsolutions.ltd
PSU-12V1AIN-IP-1 RFSOLUTIONS-PSU-12V1AIN-IP-1 Datasheet
234Kb / 3P
Waterproof 12Vdc Power Supply IP67
logo
List of Unclassifed Man...
MCEXT12V15WC2 ETC2-MCEXT12V15WC2 Datasheet
180Kb / 3P
External Power Supply
logo
rfsolutions.ltd
PSU-12V1AIN-IP RFSOLUTIONS-PSU-12V1AIN-IP Datasheet
1Mb / 3P
Waterproof 12Vdc Power Supply IP67
logo
Contec Co., Ltd
CPS-PWD-15AW12-01 CONTEC-CPS-PWD-15AW12-01 Datasheet
388Kb / 2P
12VDC AC-DC Power Supply Unit
logo
Ultralife Corporation.
MRC-11A ULTRALIFE-MRC-11A Datasheet
240Kb / 2P
Four Position External Battery Power Supply
Rev:B
MRC-188 ULTRALIFE-MRC-188 Datasheet
782Kb / 2P
External Battery Power Supply for INDRA Terminal
07 March 2016 Rev A
logo
CUI INC
SDM120-U CUI-SDM120-U Datasheet
637Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
01/10/2022
SMI12 CUI-SMI12 Datasheet
734Kb / 6P
EXTERNAL AC-DC POWER SUPPLY
08/12/2021
logo
Omron Electronics LLC
H7ER OMRON-H7ER Datasheet
149Kb / 6P
Subminiature Tachometer Requires No External Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com