Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSP2222ATA. Datasheet(PDF) 2 Page - ON Semiconductor

Part # KSP2222ATA.
Description  NPN General-Purpose Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KSP2222ATA. Datasheet(HTML) 2 Page - ON Semiconductor

  KSP2222ATA. Datasheet HTML 1Page - ON Semiconductor KSP2222ATA. Datasheet HTML 2Page - ON Semiconductor KSP2222ATA. Datasheet HTML 3Page - ON Semiconductor KSP2222ATA. Datasheet HTML 4Page - ON Semiconductor KSP2222ATA. Datasheet HTML 5Page - ON Semiconductor KSP2222ATA. Datasheet HTML 6Page - ON Semiconductor KSP2222ATA. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSP2222A Rev. 1.1.0
November 2014
KSP2222A
NPN General-Purpose Amplifier
Features
• Collector-Emitter Voltage: VCEO = 40 V
• Available as PN2222A
Ordering Information
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Part Number
Marking
Package
Packing Method
KSP2222ABU
KSP2222
TO-92 3L
Bulk
KSP2222ATA
KSP2222
TO-92 3L
Ammo
KSP2222ATF
KSP2222
TO-92 3L
Tape and Reel
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage
75
V
VCEO
Collector-Emitter Voltage
40
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current
600
mA
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 to +150
°C
1. Emitter 2. Base 3. Collector
TO-92
1 2 3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com