Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSP2222ATA. Datasheet(PDF) 3 Page - ON Semiconductor

Part # KSP2222ATA.
Description  NPN General-Purpose Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KSP2222ATA. Datasheet(HTML) 3 Page - ON Semiconductor

  KSP2222ATA. Datasheet HTML 1Page - ON Semiconductor KSP2222ATA. Datasheet HTML 2Page - ON Semiconductor KSP2222ATA. Datasheet HTML 3Page - ON Semiconductor KSP2222ATA. Datasheet HTML 4Page - ON Semiconductor KSP2222ATA. Datasheet HTML 5Page - ON Semiconductor KSP2222ATA. Datasheet HTML 6Page - ON Semiconductor KSP2222ATA. Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KSP2222A Rev. 1.1.0
2
Thermal Characteristics(1)
Values are at TA = 25°C unless otherwise noted.
Note:
1. PCB size: FR-4, 76 mm x 114 mm x 1.57 mm (3.0 inch x 4.5 inch x 0.062 inch) with minimum land pattern size.
Electrical Characteristics
Values are at TA = 25°C unless otherwise noted.
Note:
2. Pulse test: Pulse width
≤ 300 μs, duty cycle ≤ 2%
Symbol
Parameter
Value
Unit
PD
Power Dissipation by RθJA
625
mW
Derate Above 25
°C5
mW/
°C
RθJC
Thermal Resistance, Junction-to-Case
83.3
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
200
°C/W
Symbol
Parameter
Conditions
Min.
Max.
Unit
BVCBO
Collector-Base Breakdown Voltage
IC = 10 μA, IE = 0
75
V
BVCEO
Collector-Emitter Breakdown Voltage
IC = 10 mA, IB = 0
40
V
BVEBO
Emitter-Base Breakdown Voltage
IE = 10 μA, IC = 0
6.0
V
ICBO
Collector Cut-Off Current
VCB = 60 V, IE = 0
0.01
μA
IEBO
Emitter Cut-Off Current
VEB = 3.0 V, IC = 0
10
nA
hFE
DC Current Gain
VCE = 10 V, IC = 0.1 mA
35
VCE = 10 V, IC = 1 mA
50
VCE = 10 V, IC = 10 mA
75
VCE = 10 V, IC = 150 mA
(2)
100
300
VCE = 10 V, IC = 500 mA
(2)
40
VCE(sat)
Collector-Emitter Saturation Voltage(2)
IC = 150 mA, IB = 15 mA
0.3
V
IC = 500 mA, IB = 50 mA
1.0
VBE(sat)
Base-Emitter Saturation Voltage(2)
IC = 150 mA, IB = 15 mA
0.6
1.2
V
IC = 500 mA, IB = 50 mA
2.0
fT
Current Gain Bandwidth Product
IC = 20 mA, VCE = 20 V,
f = 100 MHz
300
MHz
Cob
Output Capacitance
VCB = 10 V, IE = 0,
f = 1.0 MHz
8pF
tON
Turn-On Time
VCC = 30 V, IC = 150 mA,
IB1 = 15 mA, VBE(off) = 0.5 V
35
ns
tOFF
Turn-Off Time
VCC = 30 V, IC = 150 mA,
IB1 = IB2 = 15 mA
285
ns
NF
Noise Figure
IC = 100 μA, VCE = 10 V,
RS = 1 kΩ, f = 1.0 kHz
4dB



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com