Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2983 Datasheet(PDF) 13 Page - Texas Instruments

Part # LP2983
Description  LP2983 Micropower 150-mA Voltage Regulator in SOT-23 Package for Output Voltages ≤ 1.2 VDesigned for Use With Very Low-ESR Output Capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP2983 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP2983 Datasheet HTML 9Page - Texas Instruments LP2983 Datasheet HTML 10Page - Texas Instruments LP2983 Datasheet HTML 11Page - Texas Instruments LP2983 Datasheet HTML 12Page - Texas Instruments LP2983 Datasheet HTML 13Page - Texas Instruments LP2983 Datasheet HTML 14Page - Texas Instruments LP2983 Datasheet HTML 15Page - Texas Instruments LP2983 Datasheet HTML 16Page - Texas Instruments LP2983 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ON/OFF
ON/OFF*
GND
IN
ESR
OUT
VOUT
VIN
2.2 µF
1 µF
Copyright © 2016, Texas Instruments Incorporated
13
LP2983
www.ti.com
SNVS170D – OCTOBER 2001 – REVISED APRIL 2016
Product Folder Links: LP2983
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP2983 is a linear voltage regulator operating from 2.2 V to 16 V on the input and regulates voltages
between
≤ 1.2 V with high accuracy and a 150-mA maximum output current. To achieve high efficiency, the
dropout voltage (VIN – VOUT) must be as small as possible. Successfully implementing an LDO in an application
depends on the application requirements. If the requirements are simply input voltage and output voltage,
compliance specifications (such as internal power dissipation or stability) must be verified to ensure performance.
8.2 Typical Application
*ON/OFF input must be actively terminated. Tie to VIN if this function is not to be used.
**Minimum capacitance is shown to ensure stability (may be increased without limit). A ceramic capacitor is required
for output (see External Capacitors).
Figure 23. LP2983 Typical Application
8.2.1 Design Requirements
For typical voltage regulator applications, use the parameters listed in Table 1:
Table 1. Design Parameters
PARAMETER
DESIGN REQUIREMENT
Input voltage
2.2 V to 16 V
Output voltage
1V or 1.2 V
Output current
0 mA to 150 mA
Output tolerance (1 mA
≤ IL ≤ 50 mA at
25°C)
±1.5% (±1% with A-grade version)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com