Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38512 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP38512
Description  LP38512-1.8 1.5A Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP38512 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP38512 Datasheet HTML 8Page - Texas Instruments LP38512 Datasheet HTML 9Page - Texas Instruments LP38512 Datasheet HTML 10Page - Texas Instruments LP38512 Datasheet HTML 11Page - Texas Instruments LP38512 Datasheet HTML 12Page - Texas Instruments LP38512 Datasheet HTML 13Page - Texas Instruments LP38512 Datasheet HTML 14Page - Texas Instruments LP38512 Datasheet HTML 15Page - Texas Instruments LP38512 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Load
Transient
Line
Transient
VIN
VOUT
NOM
~90%
~85%
VERROR
Power-Down
~2.25V
~1.55V
~1.25V
~1.25V
~2.50V
~2.50V
Power-Up
LP38512
SNOSAU7F – NOVEMBER 2007 – REVISED APRIL 2013
www.ti.com
Figure 24. ERROR Flag Operation, biased from VIN
POWER DISSIPATION/HEATSINKING
A heatsink may be required depending on the maximum power dissipation (PD(MAX)), maximum ambient
temperature (TA(MAX)) of the application, and the thermal resistance (θJA) of the package. Under all possible
conditions, the junction temperature (TJ) must be within the range specified in the Operating Ratings. The total
power dissipation of the device is given by:
PD = ( (VIN−VOUT) x IOUT) + (VIN x IGND)
where IGND is the operating ground current of the device (specified under Electrical Characteristics).
The maximum allowable junction temperature rise (
ΔTJ) depends on the maximum expected ambient
temperature (TA(MAX)) of the application, and the maximum allowable junction temperature (TJ(MAX)):
ΔTJ = TJ(MAX)− TA(MAX)
The maximum allowable value for junction to ambient Thermal Resistance,
θJA, can be calculated using the
formula:
θJA = ΔTJ / PD(MAX)
HEATSINKING DDPAK/TO-263 PACKAGE
The DDPAK/TO-263 and the PFM packages use the copper plane on the PCB as a heatsink. The tab, or DAP,
of these packages are soldered to the copper plane for heat sinking. Figure 25 shows a curve for the
θJA of
DDPAK/TO-263 package for different copper area sizes, using a typical PCB with 1 ounce copper and no solder
mask over the copper area for heat sinking.
12
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP38512



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com