Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3918TL/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # LP3918TL/NOPB
Description  LP3918 Battery Charge Management and Regulator Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3918TL/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP3918TL/NOPB Datasheet HTML 19Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 20Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 21Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 22Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 23Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 24Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 25Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 26Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
4.5V < VCHG_IN < 6.0V
Charger OFF
Zero Current
Pre-Charge mode
50mA Constant current
Full-Rate Charge mode
Constant Current (ICHG)
Full-Rate Charge mode
Constant Voltage (VTERM)
Maintenance mode
Zero current
From any mode:
VCHG_IN < 4.5V
or VCHG_IN > 6.0V
or disabled via serial interface.
Yes
No
Yes
Yes
No
VBATT > 3.0V
VBATT = VTERM
ICHG < EOC
VBATT < VRSTRT
No
No
Yes
Yes
LP3918
www.ti.com
SNVS476D – AUGUST 2007 – REVISED MAY 2013
Programming Information
Table 12. Register Address 8h'12: CHGCNTL3
BIT
NAME
FUNCTION
4
VTERM[0]
Set the charging termination voltage.
See Table 5
5
VTERM[1]
Table 13. Register Address 8h'12: CHGCNTL3
BIT
NAME
FUNCTION
0
VRSTRT[0]
Set the charging restart voltage.
See Table 7
1
VRSTRT[1]
Charger Operation
The operation of the charger with EOC enabled is shown in this simplified flow diagram.
Figure 10. Simplified Charger Functional Flow Diagram (EOC is enabled)
The charger operation may be depicted by the following graphical representation of the voltage and current
profiles.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com