Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3918TL/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Part # LP3918TL/NOPB
Description  LP3918 Battery Charge Management and Regulator Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3918TL/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LP3918TL/NOPB Datasheet HTML 21Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 22Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 23Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 24Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 25Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 26Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 27Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 28Page - Texas Instruments LP3918TL/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
CHARGE CURRENT (mA)
700
100
0.247
1.235
1.729
500
LP3918
www.ti.com
SNVS476D – AUGUST 2007 – REVISED MAY 2013
Table 15. Register Address 8h'13: CHGSTATUS1 (continued)
BIT
NAME
FUNCTION (if bit = '1')
1
Fullrate
Set when the charger is in CC/CV mode.
0
PRECHG
Set during precharge.
Charger Status Register 2 Read only
Table 16. Register Address 8h'13: CHGSTATUS2
BIT
NAME
FUNCTION (if bit = '1')
1
Tout_
Set after timeout in CV phase.
ConstV
0
BAD_
Set at bad battery state.
BATT
IMON CHARGE CURRENT MONITOR
Charge current is monitored within the charger section and a proportional voltage representation of the charge
current is presented at the IMON output pin. The output voltage relationship to the actual charge current is
represented in the following graph and by the equation:
VIMON(mV) = (2.47 x ICHG)(mA)
Figure 12. IMON Voltage vs Charge Current
Note that this function is not available if there is no input at CHG_IN or if the charger is off due to the input at
CHG_IN being outwith the operating voltage range.
LDO Information
OPERATIONAL INFORMATION
The LP3918 has 7 LDO's of which 3 are enabled by default, LDO's 1,2 and 3 are powered up during the power
up sequence. LDO4, 5 and 6 are separately, externally enabled and will follow LDO2 in start up if their respective
enable pin is pulled high. LDO2, LDO3 and LDO7 can be enabled/disabled via the serial interface.
LDO2 must remain in regulation otherwise the device will power down. While LDO1 is enabled this must also be
in regulation for the device to remain powered. If LDO1 is disabled via I2C interface the device will not shut
down.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com