Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923TL/NOPB.A Datasheet(PDF) 13 Page - Texas Instruments

Part # LP3923TL/NOPB.A
Description  LP3923 Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3923TL/NOPB.A Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3923TL/NOPB.A Datasheet HTML 9Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 10Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 11Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 12Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 13Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 14Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 15Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 16Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
LP3923
www.ti.com
SNVS567B – APRIL 2010 – REVISED MAY 2013
Charger Electrical Characteristics (continued)
Unless otherwise noted, VCHG_IN = 5V, VIN= BATT = 3.6V, CCHG_IN = 1 μF, VBATT = 30 µF. Typical values and limits appearing
in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction temperature range for
operation, TA = TJ = −25°C to +85°C.
(1)(2)
Symbol
Parameter
Conditions
Typical
Limit
Units
Min
Max
IEOC
End-of-charging
0.1C option selected
10
%
current, % of full-rate
current
VRESTART
Restart threshold voltage
From VTERM voltage (4.2V, −100 mV options
−100
−70
−130
mV
selected)
IMON
IMON Voltage 1
ICHG = 100 mA
0.247
V
IMON Voltage 2
ICHG = 400 mA
0.988
0.840
1.127
CBATT
Capacitance on BATT
See(4)
30
1000
µF
TREG
Regulated junction
See(4)
115
°C
temperature
Detection and Timing (one combined timer)
TPOK
Power OK deglitch time
VCHG > VBATT + VOK_CHG
30
ms
TPC_FULL
Deglitch time
From pre-charging to full-rate charging
210
ms
TCHG
Charge timer
Pre-charge mode
1
disabled
2
Hrs
CC mode/CV mode (combined timer)
5
8
TEOC
Deglitch time for end- of-
210
ms
charge transition
(4)
Ensured by design.
Serial Interface
Unless otherwise noted, VIN = BATT = 3.6V, GND = 0V, CVIN1–2 = 10 µF CLDOx = 1 µF and VLDO3 = 3.0V. Typical values and
limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire junction
temperature range for operation, TA = TJ = −40°C to +125°C.
(1) (2)
Limit
Unit
Symbol
Parameter
Conditions
Typ
s
Min
Max
fCLK
Clock Frequency
400
kHz
tBF
Bus-Free Time between START and STOP
1.3
µs
tHOLD
Hold Time Repeated START Condition
0.6
µs
tCLK-LP
CLK Low Period
1.3
µs
tCLK-HP
CLK High Period
0.6
µs
tSU
Set-Up Time Repeated START Condition
0.6
µs
tDATA-HOLD
Data Hold Time
50
ns
tDATA-SU
Data Set-Up Time
100
ns
tSU
Set-Up Time for STOP Condition
0.6
µs
tTRANS
Maximum Pulse Width of Spikes that Must Be
Suppressed by the Input Filter of Both DATA & CLK
50
ns
Signals
(1)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TJ = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Ensured by design.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com