Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3923TL/NOPB.A Datasheet(PDF) 5 Page - Texas Instruments

Part # LP3923TL/NOPB.A
Description  LP3923 Cellular Phone Power Management Unit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3923TL/NOPB.A Datasheet(HTML) 5 Page - Texas Instruments

  LP3923TL/NOPB.A Datasheet HTML 1Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 2Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 3Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 4Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 5Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 6Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 7Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 8Page - Texas Instruments LP3923TL/NOPB.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
LP3923
www.ti.com
SNVS567B – APRIL 2010 – REVISED MAY 2013
Table 1. LP3923 PIN DESCRIPTIONS(1) (continued)
E2
HF_PWR
DI
Power up sequence starts when this pin is set HIGH. Internal 500 k
Ω pull-
down resistor.
E3
PWR_ON
DI
Power up sequence starts when this pin is set HIGH.
Internal 500 k
Ω pull-down resistor.
E4
SCL
DI
Serial Interface Clock input.
External pull up resistor is needed, typ. 1.5 k
Ω.
E5
BATT
P
Main battery connection. Used both as a power connection for current
delivery to the battery and as a voltage sense connection to monitor the
battery charge level.
F1
VINB
P
Input for Buck
F2
GNDB
G
Power Ground for Buck
F3
FB
A
Buck Feedback pin
F4
ACOK_N
DO
AC Adapter indicator, LOW when VCHG_IN is above its trip point
F5
CHG_IN
P
DC power input to charger block from AC adapter or USB
Device Description
The LP3923 Charge Management and Regulator Unit is designed to supply charger and voltage output
capabilities for mobile systems, e.g. CDMA handsets. The device provides a Li-Ion charging function and 8 or 9
regulated outputs. Communication with the device is via an I2C compatible serial interface that allows function
control and status read-back.
The battery charge management section provides a programmable CC/CV linear charge capability and end of
charging current threshold. Following a normal charge cycle a maintenance mode utilizing programmable restart
voltage levels enables the battery voltage to be maintained at the correct level. Power dissipation is thermally
regulated to obtain optimum charge levels over the ambient temperature range.
CHARGER FEATURES
•
Pre-charge, CC, CV and Maintenance modes
•
Integrated FET
•
Integrated Reverse Current Blocking Diode
•
Integrated Sense Resistor
•
Thermal Regulation
•
Charging Current Monitor Output
•
Programmable charging current 50 mA - 1200 mA with 50 mA steps
•
Default CC mode current 400 mA
•
Pre-charging current fixed 50 mA
•
Termination voltage 4.1V, 4.2V (default), 4.3V and 4.4V
•
Restart level 50 mV, 100 mV (default), 150 mV and 200 mV below Termination voltage
•
End of Charge 0.05C, 0.1C, 0.15C (default) and 0.2C
•
Input voltage operating range 4.5 - 6.8V
REGULATORS
Eight low dropout linear regulators provide programmable voltage outputs with current capabilities of 80 mA, 150
mA, and 300 mA as given in the table below. LDO1 and LDO2 are supplied either by the VBATT (SEL=GND) or
by buck regulator’s output (SEL=VBATT). If the supply voltage is low (supply from buck), then LDO1 and LDO2
are going to be low-input low-output (LILO) LDOs.
Buck regulator can provide 700 mA (typ.) of current. If the buck is used for supplying LDO1 and LDO2 it won’t be
able to supply external devices. If LDO1 and LDO2 are supplied by VBATT, then buck can be used as an output
power channel for digital loading with the default output voltage value of 1.8V
Under voltage lockout oversees device start up with a preset level of 3.0V( typ.).
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP3923



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com