Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5990 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP5990
Description  LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5990 Datasheet(HTML) 4 Page - Texas Instruments

  LP5990 Datasheet HTML 1Page - Texas Instruments LP5990 Datasheet HTML 2Page - Texas Instruments LP5990 Datasheet HTML 3Page - Texas Instruments LP5990 Datasheet HTML 4Page - Texas Instruments LP5990 Datasheet HTML 5Page - Texas Instruments LP5990 Datasheet HTML 6Page - Texas Instruments LP5990 Datasheet HTML 7Page - Texas Instruments LP5990 Datasheet HTML 8Page - Texas Instruments LP5990 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LP5990
SNVS438B – APRIL 2007 – REVISED DECEMBER 2007
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Limits in standard typeface are for TA = 25°C. Limits in boldface type apply over the full operating junction temperature range
(-40°C
≤ TJ ≤ +125°C). Unless otherwise noted, specifications apply to the LP5990 Typical Application Circuit (pg. 1) with: VIN
= VOUT (NOM) + 1.0V, or 2.2V, whichever is higher. VEN = 1.0V, CIN = COUT = 1.0 μF, IOUT = 1.0 mA.
(1), (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High Input Threshold (VEN)
VIN = 2.2V to 5.5V
1.0
V
IEN
Input Current at VEN Pin
(8)
VEN = 5.5V and VIN = 5.5V
2
5
μA
VEN = 0.0V and VIN = 5.5V
0.001
Transient Characteristics
ΔVOUT
Line Transient (7)
Trise = Tfall = 30μs. ΔVIN = 600 mV
4
mV
Load Transient (7)
IOUT = 1 mA to 200 mA in 1 μs
–50
mV
IOUT = 200 mA to 1 mA in 1 μs
50
TON
Turn on Time
To 98% of VOUT(NOM)
60
μs
TOFF
Turn off Time from Enable
100mV of V OUT(NOM)I OUT= 0mA
500
μs
(8)
There is a 3 M
Ω resistor between VEN and ground on the device.
OUTPUT & INPUT CAPACITOR, RECOMMENDED SPECIFICATIONS
(1)
Symbol
Parameter
Conditions
Min
Nom
Max
Units
CIN
Input Capacitance
Capacitance for stability
0.3
1.0
µF
COUT
Output Capacitance
0.3
1.0
10
ESR
Output/Input Capacitance
5
500
m
Ω
(1)
The minimum capacitance should be greater than 0.3 µF over the full range of operating conditions. The capacitor tolerance should be
30% or better over the full temperature range. The full range of operating conditions for the capacitor in the application should be
considered during device selection to ensure this minimum capacitance specification is met. X7R capacitors are recommended however
capacitor types X5R, Y5V and Z5U may be used with consideration of the application and conditions.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LP5990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com