Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5990 Datasheet (PDF) - Texas Instruments

LP5990 Datasheet PDF - Texas Instruments
Part # LP5990
Download  LP5990 Download
File Size   484.9 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator

LP5990 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP5990 Datasheet PDF - Texas Instruments

Part # LP5990
Download  LP5990 Click to download

File Size   484.9 Kbytes
Page   16 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator

LP5990 Datasheet (HTML) - Texas Instruments


LP5990 Product details

1FEATURES
2• Operation from 2.2V to 5.5V Input
• ±1% Accuracy Over Temp Range
• Output Voltage from 0.8V to 3.6V in 50mV
Increments
• 30 μA Quiescent Current (Enabled)
• 10nA Quiescent Current (Disabled)
• 160mV Dropout at 200mA Load
• 60 μVRMSOutput Voltage Noise
• 60 μs Start-Up Time
• 500μs Shut-Down Time
• PSRR 55 dB at 10 kHz
• Stable with 0402 1.0μF Ceramic Capacitors
• Logic Controlled Enable
• Thermal–Overload and Short–Circuit
Protection

APPLICATIONS
• Cellular Phones
• Hand–Held Information Appliances

PACKAGE
• 4-Bump DSBGA, 0.4 mm Pitch 866 μm x 917
μm (Lead Free)

DESCRIPTION
The LP5990 regulator is designed to meet the
requirements of portable, battery-powered systems
providing an accurate output voltage, low noise and
low quiescent current.
The LP5990 will provide a 1.8V output from a low
input voltage of 2.2V and can provide 200mA to an
external load.
When switched into shutdown mode via a logic signal
at the enable pin, the power consumption is reduced
to virtually
zero.
Fast shut-down is achieved by the push pull
architecture.
The LP5990 is designed to be stable with space
saving 0402 ceramic capacitors as small as 1μF, this
gives an overall solution size of < 2.5mm 2.
Performance is specified for a -40°C to 125°C
junction temperature range.
The device is available in DSBGA Package (0.4mm
pitch) and is available with
1.2V,1.3V,1.8V,2.8V,3.0V,3.3V and 3.6V outputs.
Lower voltage options down to 0.8V are available on request. For all other output voltage options please
contact your local TI sales office.




Similar Part No. - LP5990

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
LP5990 INTERSIL-LP5990 Datasheet
294Kb / 12P
Micropower 200mA CMOS Low Dropout Voltage Regulator General Description
logo
Texas Instruments
LP5990 TI1-LP5990 Datasheet
926Kb / 18P
Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Intersil Corporation
LP5990TM-1.2/NOPB INTERSIL-LP5990TM-1.2/NOPB Datasheet
294Kb / 12P
Micropower 200mA CMOS Low Dropout Voltage Regulator General Description
logo
Texas Instruments
LP5990TM-1.2/NOPB TI1-LP5990TM-1.2/NOPB Datasheet
930Kb / 16P
LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
More results


Similar Description - LP5990

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
200mA Low-Dropout Voltage Regulator
logo
National Semiconductor ...
LP5951 NSC-LP5951 Datasheet
606Kb / 10P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Toshiba Semiconductor
TCR5SB15 TOSHIBA-TCR5SB15 Datasheet
285Kb / 17P
200mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Intersil Corporation
LP5990 INTERSIL-LP5990 Datasheet
294Kb / 12P
Micropower 200mA CMOS Low Dropout Voltage Regulator General Description
logo
Linear Technology
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
200mA, Low Noise,Low Dropout Negative Micropower Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5951 TI1-LP5951_14 Datasheet
1Mb / 26P
Micropower, 150mA Low-Dropout CMOS Voltage Regulator
logo
Linear Technology
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
200mA, Low Noise, Low Dropout Negative Micropower Regulator
logo
Texas Instruments
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com