Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952TL-1.0/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Part # LP5952TL-1.0/NOPB
Description  LP5952 350-mA Dual-Rail Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5952TL-1.0/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5952TL-1.0/NOPB Datasheet HTML 12Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 13Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 14Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 15Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 16Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 17Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 18Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 19Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
3.1
2.5
TIME (100 Ps/DIV)
IL = 350 mA
VBATT = 3.1V
3.6
3.0
TIME (100 Ps/DIV)
IL = 350 mA
0
350
TIME (50 µs/DIV)
0
350
TIME (50 µs/DIV)
TIME (10 µs/DIV)
IL = 350 mA
0
0
TIME (10 µs/DIV)
IL = 350 mA
0
0
LP5952
SNVS469F – OCTOBER 2006 – REVISED DECEMBER 2015
www.ti.com
8.2.1.3 Application Curves
0.7-V Option
1.5-V Option
Figure 12. Enable Start-Up Time
Figure 13. Enable Start-Up Time
0.7-V Option
1.5-V Option
Figure 14. Load Transient Response
Figure 15. Load Transient Response
1.5-V Option
1.5-V Option
Figure 16. Line Transient Response VIN
Figure 17. Line Transient Response VBATT
16
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com