Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5952TL-1.0/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LP5952TL-1.0/NOPB
Description  LP5952 350-mA Dual-Rail Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5952TL-1.0/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP5952TL-1.0/NOPB Datasheet HTML 8Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 9Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 10Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 11Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 12Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 13Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 14Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 15Page - Texas Instruments LP5952TL-1.0/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
VBATT: 2.7 V to 5.5 V
IN
OUT
GND
EN
For example,
1.5 V
1 PF
BATT
LP5952
Pre-
regulator
Li-Ion
or
3-cell
NiMh/NiCd
2.2 PF
For example, 1.2 V
A1
B2
C3
A3
C1
Load
0 to 350 mA
LP5952
SNVS469F – OCTOBER 2006 – REVISED DECEMBER 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP5952 is designed to meet ultralow input-voltage application, by implementing VBATT as power supply of
this device. The VBATT is connected to the battery (range 2.5 V to 5.5 V), the VIN range can be 0.7 V to 4.5 V.
The device offers superior dropout and transient features combined with very low-quiescent currents. The
LP5952 delivers this performance in standard packages DSBGA and USON with an operating junction
temperature (TJ) of –40°C to +125°C.
8.2 Typical Application
8.2.1 Dual-Rail Linear Regulator
Figure 9. LP5952 Typical Application Circuit
8.2.1.1 Design Requirements
For typical dual-rail linear regulator parameters, see Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
0.7 V to 4.5 V
VBATT voltage range
2.7 V to 5.5 V
Output voltage
1.5 V
Output current
350 mA
Output capacitor range
2.2 µF
Input/output capacitor ESR range
3 m
Ω to 300 mΩ
8.2.1.2 Detailed Design Procedure
8.2.1.2.1
External Capacitors
As is common with most regulators, the LP5952 requires external capacitors to ensure stable operation. The
LP5952 is specifically designed for portable applications requiring minimum board space and the smallest size
components. These capacitors must be correctly selected for good performance.
8.2.1.2.2
Input Capacitor
If the LP5952 is used as a stand-alone device, an input capacitor at VIN is required for stability. It is
recommended that a 1-µF capacitor be connected between the LP5952 power voltage IN pin and ground. (This
capacitance value may be increased without limit).
12
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP5952



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com