Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87745-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # LP87745-Q1
Description  LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP87745-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  LP87745-Q1 Datasheet HTML 1Page - Texas Instruments LP87745-Q1 Datasheet HTML 2Page - Texas Instruments LP87745-Q1 Datasheet HTML 3Page - Texas Instruments LP87745-Q1 Datasheet HTML 4Page - Texas Instruments LP87745-Q1 Datasheet HTML 5Page - Texas Instruments LP87745-Q1 Datasheet HTML 6Page - Texas Instruments LP87745-Q1 Datasheet HTML 7Page - Texas Instruments LP87745-Q1 Datasheet HTML 8Page - Texas Instruments LP87745-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
5 Pin Configuration and Functions
FB_B3
FB_B2
SYNCCLKIN
VCCA
VOUT_VLDO
ENABLE
nERR/GPO2
VMON1/GPO1
FB_B1
CS_SPI/WD_DIS
nRSTOUT
SDO_SPI
SCK_SPI
AGND
SDI_SPI
nINT
VIO_LDO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
23
22
21
20
19
18
17
16
15
AGND
25
24
26
28
27
Figure 5-1. RXV Package, 28-Pin VQFN-HR (Top View)
Table 5-1. Pin Functions
PIN
I/O
TYPE
DESCRIPTION
CONNECTION
IF NOT USED
NAME
NO.
SCK_SPI
1
I
Digital
Clock signal for SPI interface.
Ground
SDO_SPI
2
O
Digital
Output data signal for SPI interface.
Floating
FB_B1
3
—
Analog
Output voltage feedback (positive) for BUCK1.
Ground
CS_SPI/
WD_DIS
4
I
Digital
Primary function: Chip select signal for SPI interface.
VCCA
I
Digital
Alternative programmable function: Watchdog Deactivation Input.
Not applicable
AGND
5
—
Ground
Ground.
Ground
NRSTOUT
6
O
Digital
Reset output.
Floating
nINT
7
O
Digital
Interrupt output and CAN PHY control or both.
Floating
SDI_SPI
8
I
Digital
Input data signal for SPI interface.
Ground
VIO_LDO
9
—
Analog
IO supply from the internal LDO or from external source. LDO active: regulator
filter node. LDO inactive: input for connecting to an external IO supply source, with
input filtering capacitor placed.
Not applicable
VOUT_BST
10
—
Analog
BOOST active: BOOST output (internally connected as VIO_LDO input). BOOST
inactive and VIO_LDO inactive: short with VIO_LDO. BOOST inactive and
VIO_LDO active: input for connecting to an external supply used as VIO_LDO
input.
External supply
SW_BST
11
—
Analog
When BOOST active: BOOST input. When BOOST inactive: short with
VOUT_BST.
VOUT_BST
LP87743-Q1, LP87744-Q1, LP87745-Q1
SNVSC48B – OCTOBER 2021 – REVISED JUNE 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LP87743-Q1 LP87744-Q1 LP87745-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com