Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP87745-Q1 Datasheet(PDF) 7 Page - Texas Instruments

Part # LP87745-Q1
Description  LP8774x-Q1 Three Buck Converters and 5-V Boost for AWR and IWR Radar Sensors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP87745-Q1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP87745-Q1 Datasheet HTML 3Page - Texas Instruments LP87745-Q1 Datasheet HTML 4Page - Texas Instruments LP87745-Q1 Datasheet HTML 5Page - Texas Instruments LP87745-Q1 Datasheet HTML 6Page - Texas Instruments LP87745-Q1 Datasheet HTML 7Page - Texas Instruments LP87745-Q1 Datasheet HTML 8Page - Texas Instruments LP87745-Q1 Datasheet HTML 9Page - Texas Instruments LP87745-Q1 Datasheet HTML 10Page - Texas Instruments LP87745-Q1 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
LP877432A8RXVRQ1
Active
Production
VQFN-HR (RXV) | 28
3000 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
LP8774
32A8-Q1
LP877432A8RXVRQ1.A
Active
Production
VQFN-HR (RXV) | 28
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
LP8774
32A8-Q1
LP877442A9RXVRQ1
Active
Production
VQFN-HR (RXV) | 28
3000 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
LP8774
42A9-Q1
LP877442A9RXVRQ1.A
Active
Production
VQFN-HR (RXV) | 28
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
LP8774
42A9-Q1
LP87745101RXVRQ1
Active
Production
VQFN-HR (RXV) | 28
3000 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
LP8774
5101-Q1
LP87745101RXVRQ1.A
Active
Production
VQFN-HR (RXV) | 28
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
LP8774
5101-Q1
LP877451A1RXVRQ1
Active
Production
VQFN-HR (RXV) | 28
3000 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
LP8774
51A1-Q1
LP877451A1RXVRQ1.A
Active
Production
VQFN-HR (RXV) | 28
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
LP8774
51A1-Q1
LP877452A7RXVRQ1
Active
Production
VQFN-HR (RXV) | 28
3000 | LARGE T&R
Yes
NIPDAU | SN
Level-2-260C-1 YEAR
-40 to 125
LP8774
52A7-Q1
LP877452A7RXVRQ1.A
Active
Production
VQFN-HR (RXV) | 28
3000 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-40 to 125
LP8774
52A7-Q1
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com