Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8900TLE-3333/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LP8900TLE-3333/NOPB
Description  LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8900TLE-3333/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LP8900TLE-3333/NOPB Datasheet HTML 5Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 6Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 7Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 8Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 9Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 10Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 11Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 12Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Bandgap
IN
OUT2
EN
Control
EN1
EN2
GND
OUT1
EN
Control
3MŸ
3MŸ
9
LP8900
www.ti.com
SNVS542E – MAY 2008 – REVISED JUNE 2016
Product Folder Links: LP8900
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LP8900 is a dual linear regulator capable of supplying 200 mA output current per regulator. Designed to
meet the requirements of RF and analog circuits, the LP8900 provides low device noise, high PSRR, low
quiescent current, and superior line transient response figures.
Using new innovative design techniques the LP8900 offers class-leading device noise performance without a
noise bypass capacitor. The LP8900 is designed to perform with a single 1-µF input capacitor and a single 1-µF
ceramic output capacitor.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Enable Control
The LP8900 may be switched ON or OFF by a logic input at the EN pin. A high voltage at this pin turns the
device on. When the enable pin is low, the regulator output is off and the device typically consumes 3 nA.
However if the application does not require the shutdown feature, the EN pin can be tied to VIN to keep the
regulator permanently on. To ensure fast start-up is achieved, EN must be driven separately.
A 3-M
Ω pulldown resister ties the EN input to ground, this ensures that the device remains off when the enable
pin is left open circuit. To ensure proper operation, the signal source used to drive the EN input must be able to
swing above and below the specified turnon or turnoff voltage thresholds listed in Electrical Characteristics under
VIL and VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com