Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8900TLE-3333/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LP8900TLE-3333/NOPB
Description  LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP8900TLE-3333/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LP8900TLE-3333/NOPB Datasheet HTML 1Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 2Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 3Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 4Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 5Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 6Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 7Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 8Page - Texas Instruments LP8900TLE-3333/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LP8900
IN
GND
VIN
VEN 1
VOUT 1
1 PF
VOUT 2
VEN 2
EN1
EN2
OUT2
OUT1
CIN
COUT 1
COUT 2
1 PF
1 PF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP8900
SNVS542E – MAY 2008 – REVISED JUNE 2016
LP8900 200-mA Ultra-Low-Noise Dual LDO
For RF and Analog Circuits
1
1 Features
1
•
Input Voltage Operation: 1.8 V to 5.5 V
•
Output Voltage: 1.2 V to 3.6 V
•
Accuracy Over Temperature: 1%
•
Output Voltage Noise: 6 µVRMS
•
PSRR: 75 dB at 1 kHz
•
Dropout: 110 mV at 200 mA Load
•
Quiescent Current: 48 µA per Regulator
•
Start-Up Time: 80 µs
•
Stable With Ceramic Capacitors as Small as 0402
•
Thermal-Overload and Short-Circuit Protection
2 Applications
•
Battery-Operated Devices
•
Hand-Held Information Appliances
•
Noise Sensitive RF Applications
•
DC-DC Convertor Post Regulation and Filter
3 Description
The LP8900 is a dual LDO capable of supplying 200-
mA output current per regulator. Designed to meet
the requirements of RF and analog circuits, the
LP8900 provides low device noise, high PSRR, low
quiescent
current,
and
superior
line
transient
response figures.
Using new innovative design techniques, the LP8900
offers class-leading device noise performance without
a noise bypass capacitor.
The LP8900 is designed to be stable with space
saving ceramic capacitors as small as 0402 case
size, enabling a solution size < 4 mm2. Performance
is
specified
for
a
–40°C
to
+125°C
junction
temperature range.
Output voltage options from 1.2 V to 3.6 V are
available; for availability, contact your local TI sales
office.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (MAX)
LP8900
DSBGA (6)
1.49 mm × 1.09 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
space
space
space
space
Typical Application Circuit


Similar Part No. - LP8900TLE-3333/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8900TLE-3333/NOPB TI1-LP8900TLE-3333/NOPB Datasheet
1Mb / 23P
LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
More results

Similar Description - LP8900TLE-3333/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8900TLX-AAEC TI1-LP8900TLX-AAEC Datasheet
1Mb / 17P
LP8900 Ultra Low Noise, Dual 200mA Linear Regulator for RF/Analog Circuits
logo
ON Semiconductor
NCP160 ONSEMI-NCP160 Datasheet
800Kb / 20P
250 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
May, 2015 ??Rev. 6
NCP161 ONSEMI-NCP161 Datasheet
733Kb / 19P
450 mA, Ultra-Low Noise and High PSRR LDO Regulator for RF and Analog Circuits
June, 2015 ??Rev. 5
logo
Texas Instruments
LP8900 TI-LP8900_15 Datasheet
1Mb / 23P
LP8900 Ultra-Low-Noise, Dual 200-mA Linear Regulator For RF and Analog Circuits
LP5900 TI1-LP5900 Datasheet
1Mb / 30P
LP5900 150-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5907-Q1 TI1-LP5907-Q1 Datasheet
1Mb / 23P
LP5907-Q1 250-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No
LP5912 TI1-LP5912 Datasheet
2Mb / 33P
LP5912 500-mA Ultra-Low-Noise LDO for RF and Analog Circuits ??Requires No Bypass Capacitor
LP8900 TI1-LP8900 Datasheet
1Mb / 23P
LP8900 200-mA Ultra-Low-Noise Dual LDO For RF and Analog Circuits
logo
ON Semiconductor
NCP167 ONSEMI-NCP167 Datasheet
442Kb / 13P
LDO Regulator - Ultra-Low Noise, High PSRR, RF and Analog Circuits 700 mA
September, 2019 ??Rev. 3
NCV8165 ONSEMI-NCV8165 Datasheet
328Kb / 10P
LDO Regulator for RF and Analog Circuits - Ultra-Low Noise and High PSRR 500 mA
September, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com