Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC662IM/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LPC662IM/NOPB
Description  LPC662 Low Power CMOS Dual Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPC662IM/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LPC662IM/NOPB Datasheet HTML 9Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 10Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 11Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 12Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 13Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 14Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 15Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 16Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Typical Single-Supply Applications (V+ = 5.0 V
DC) (Continued)
Low-Leakage Sample-and-Hold
DS010548-8
Instrumentation Amplifier
DS010548-9
For good CMRR over temperature, low drift resistors should be used. Matching of R3 to R6 and R4 to R7 affects CMRR. Gain may be adjusted through R2.
CMRR may be adjusted through R7.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com