Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC662IM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LPC662IM/NOPB
Description  LPC662 Low Power CMOS Dual Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPC662IM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LPC662IM/NOPB Datasheet HTML 1Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 2Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 3Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 4Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 5Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 6Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 7Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 8Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LPC662
Low Power CMOS Dual Operational Amplifier
General Description
The LPC662 CMOS Dual operational amplifier is ideal for
operation from a single supply. It features a wide range of
operating voltage from +5V to +15V, rail-to-rail output swing
in addition to an input common-mode range that includes
ground. Performance limitations that have plagued CMOS
amplifiers in the past are not a problem with this design.
Input V
OS, drift, and broadband noise as well as voltage gain
(into 100 k
Ω and5kΩ) are all equal to or better than widely
accepted bipolar equivalents, while the power supply
requirement is typically less than 0.5 mW.
This chip is built with National’s advanced Double-Poly
Silicon-Gate CMOS process.
See the LPC660 datasheet for a Quad CMOS operational
amplifier and LPC661 for a single CMOS operational
amplifier with these same features.
Applications
n
High-impedance buffer
n
Precision current-to-voltage converter
n
Long-term integrator
n
High-impedance preamplifier
n
Active filter
n
Sample-and-Hold circuit
n
Peak detector
Features
n
Rail-to-rail output swing
n
Micropower operation (<0.5 mW)
n
Specified for 100 k
Ω and5kΩ loads
n
High voltage gain
120 dB
n
Low input offset voltage
3 mV
n
Low offset voltage drift
1.3 µV/˚C
n
Ultra low input bias current
2 fA
n
Input common-mode includes GND
n
Operating range from +5V to +15V
n
Low distortion
0.01% at 1 kHz
n
Slew rate
0.11 V/µs
n
Full military temperature range available
Application Circuit
Howland Current Pump
DS010548-23
August 2000
© 2001 National Semiconductor Corporation
DS010548
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com