Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZN4L-R4R Datasheet(PDF) 4 Page - Autonics Corporation

Part # TZN4L-R4R
Description  Dual PID auto tuning control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

TZN4L-R4R Datasheet(HTML) 4 Page - Autonics Corporation

  TZN4L-R4R Datasheet HTML 1Page - Autonics Corporation TZN4L-R4R Datasheet HTML 2Page - Autonics Corporation TZN4L-R4R Datasheet HTML 3Page - Autonics Corporation TZN4L-R4R Datasheet HTML 4Page - Autonics Corporation TZN4L-R4R Datasheet HTML 5Page - Autonics Corporation TZN4L-R4R Datasheet HTML 6Page - Autonics Corporation TZN4L-R4R Datasheet HTML 7Page - Autonics Corporation TZN4L-R4R Datasheet HTML 8Page - Autonics Corporation TZN4L-R4R Datasheet HTML 9Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
H-75
(A)
Photo
electric
sensor
(B)
Fiber
optic
sensor
(C)
Door/Area
sensor
(D)
Proximity
sensor
(E)
Pressure
sensor
(F)
Rotary
encoder
(G)
Connector/
Socket
(H)
Temp.
controller
(I)
SSR/
Power
controller
(J)
Counter
(K)
Timer
(L)
Panel
meter
(M)
Tacho/
Speed/ Pulse
meter
(N)
Display
unit
(O)
Sensor
controller
(P)
Switching
mode power
supply
(Q)
Stepper
motor&
Driver&Controller
(R)
Graphic/
Logic
panel
(S)
Field
network
device
(T)
Software
(U)
Other
Dual PID Auto Tuning Control
Dimensions
● Panel cut-out
TZN4S
TZN4M
TZ4L / TZN4L
TZ4H / TZN4H
TZ4W/TZN4W
(unit: mm)
48
10
90
Min. 55
45+0.60
84
72
10
73
Min. 91
68+0.70
● Panel cut-out
<Bracket>
MAIN OUT
SSR
Current
12VDC ±3V
30mA Max.
DC4-20mA
Load 600Ω Max.
mA
V
15
14
15
14
SOURCE:
100-240VAC
50/60Hz 5VA
EV1 OUT
250VAC
1A
EV2 OUT
250VAC
1A
SV2 IN
Max.5VDC
250
㎂
MAIN OUT
250VAC 3A 1c
Resistive load
PV OUT
DC4-20mA
(Transmission output)
B'
RTD
T.C
SENSOR
B
A
H
C
L
RS485
(A+)
RS485
(B-)
N.O. N.O.
17 16 15 14 13 12 11 10 9
8 7 6 5 4 3 2 1
MAIN OUT
SSR
Current
12VDC ±3V
30mA Max.
DC4-20mA
Load 600Ω Max.
mA
V
15
14
15
14
SOURCE:
100-240VAC
50/60Hz 6VA
EV1 OUT
250VAC 1A
EV2 OUT
250VAC 1A
SV2 IN
Max.5VDC
250
㎂
MAIN OUT
250VAC 3A 1c
Resistive load
PV OUT
DC4-20mA
(Transmission output)
B'
T.C
RTD
SENSOR
B
A
H
C
L
RS485
(A+)
(B-)
N.O.
N.O.
8
7
6
5
4
3
2
1
17
16
15
14
13
12
11
10
9
EV1 OUT
250VAC 1A
EV2 OUT
250VAC 1A
SV2 IN
Max.5VDC
250
㎂
MAIN OUT
250VAC 3A 1c
Resistive load
PV OUT
DC4-20mA
(Transmission
output)
B'
T.C
RTD
SENSOR
B
A
H
C
L
RS485
(A+)
(B-)
N.O.
N.O.
8
7
6
5
4
3
2
1
17
16
15
14
13
12
11
10
9
※Only for TZ4L.
SOURCE
100-240VAC 50/60Hz 6VA
24VAC 50/60Hz 8VA
24-48VDC 7W
MAIN OUT
SSR
Current
12VDC ±3V
30mA Max.
DC4-20mA
Load 600Ω Max.
mA
V
15
14
15
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com