Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZN4L-R4R Datasheet(PDF) 11 Page - Autonics Corporation

Part # TZN4L-R4R
Description  Dual PID auto tuning control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

TZN4L-R4R Datasheet(HTML) 11 Page - Autonics Corporation

Back Button TZN4L-R4R Datasheet HTML 7Page - Autonics Corporation TZN4L-R4R Datasheet HTML 8Page - Autonics Corporation TZN4L-R4R Datasheet HTML 9Page - Autonics Corporation TZN4L-R4R Datasheet HTML 10Page - Autonics Corporation TZN4L-R4R Datasheet HTML 11Page - Autonics Corporation TZN4L-R4R Datasheet HTML 12Page - Autonics Corporation TZN4L-R4R Datasheet HTML 13Page - Autonics Corporation TZN4L-R4R Datasheet HTML 14Page - Autonics Corporation TZN4L-R4R Datasheet HTML 15Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
H-82
TZN/TZ Series
(tun 1 mode)
Auto tuning time
Time(t)
SV
℃
(tun 2 mode)
Auto tuning time
70% of SV
Time(t)
SV
℃
Functions
Auto tuning [ AtT]
Sensor Break Alarm [ SBA]
Sub output [ EU-1, EU-2]
Error
Loop Break Alarm [ LBA]
PID auto tuning function automatically measures the
thermal characteristics and response of the control system
and then executes its value under high response & stability
after calculating the time constant of PID required to control
optimum temperature.
● Execute the auto tuning function at initial time after
connecting the controller & the sensor.
● Execution of auto tuning is started when pressing AT key
for 3 sec. or more.
● When the auto tuning is started, AT lamp will flash, and
when the lamp is OFF, this operation will stop.
● While the auto tuning function is executing, it is stopped
by pressing AT key for 5sec. or more.
● When the power turns off or the stop signal is applied
while auto tuning function is executing, time constant of
PID is not changed and it remembers the value before
power turns off.
● Time constant of PID selected by auto tuning function
can be changed in parameter 1 group.
● It has two kinds of auto tuning mode auto tuning
operation is executed at setting value(SV) in TUN1 mode
which is factory default. Auto tuning operation in TUN2
mode is executed in 70% of setting value(SV). Mode
change is available in AtT of the parameter 2 group.
● Execute the auto tuning function again periodically,
because the thermal characteristics for the control object
can be changed when the controller is used continuously
for a long time.
Sub output can execute as main control output and sub
function as well. There is one sub output in this unit.
● This sub output is relay "1a" contact output.
● 1 mode can be selected among 7 kinds of alarm mode or
LBA operated when the heater line is cut, SBA operated
when the sensor line is cut.
● The Sub output can be latched ON or automatically reset
depending on the alarm option mode selected.
● When the sensor line or the heater line is cut, SBA or
LBA output turns on. This "Output on" status must be
reset by turning the power off.
This function causes the sub output to turn on when the
sensor line is cut or open. It is easier to check that whether
the sensor line is cut or not through buzzer or etc by
exterior sub output (relay contact).
● For using SBA function, set SBA at EU-1 or EU-2 in
parameter 2 group and SBA output operates as EV1 OUT
or EV2 OUT contact.
LBA function is to diagnose an abnormal temperature of
the control system. If the temperature of the control system
is not changed within ±2
℃ during setting time of LBA, the
LBA output will be ON.
Ex) When setting value(SV) is 300
℃, process value(PV) is
50
℃, this unit controls 100%. In this time if there is no
change of system temperature, it recognizes Heater is
cut off then LBA output will be ON.
● LBA output can be selected at EV1 of the parameter 2
group.
● If LBA output is not selected at event output, it will not be
displayed in parameter 1 group.
● Set range of LBA: 1 to 999 sec.
● If thermal response of the control system is slow, LBA
value should be set to a high value.
● LBA output operates when the manipulated value of the
controller is 0% and 100%.In case the LBA output is ON,
please check the following;
① Short-circuit or cutting of the temp. sensor.
② Abnormal condition of the equipment
(magnet, sub-relay, etc.)
③ Abnormal condition of the load(heater, cooler)
④ Wrong-wiring or cutting of the other cables.
● Once SBA is ON due to broken sensor, it will not reset,
although sensor is connected. In this case, turn off the
power then turn on again.
If error is occurred while the controller is operating,it will be
displayed as follow.
● LLLL is flashing when measured input temperature is
lower than input range of the sensor.
● HHHH is flashing when measured input temperature is
higher than input range of the sensor.
● OPEN is flashing when the input sensor is not connected
or its wire is cut.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com