Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TZN4W-R2S Datasheet(PDF) 6 Page - Autonics Corporation

Part # TZN4W-R2S
Description  Dual PID auto tuning control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

TZN4W-R2S Datasheet(HTML) 6 Page - Autonics Corporation

Back Button TZN4W-R2S Datasheet HTML 2Page - Autonics Corporation TZN4W-R2S Datasheet HTML 3Page - Autonics Corporation TZN4W-R2S Datasheet HTML 4Page - Autonics Corporation TZN4W-R2S Datasheet HTML 5Page - Autonics Corporation TZN4W-R2S Datasheet HTML 6Page - Autonics Corporation TZN4W-R2S Datasheet HTML 7Page - Autonics Corporation TZN4W-R2S Datasheet HTML 8Page - Autonics Corporation TZN4W-R2S Datasheet HTML 9Page - Autonics Corporation TZN4W-R2S Datasheet HTML 10Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
H-77
(A)
Photo
electric
sensor
(B)
Fiber
optic
sensor
(C)
Door/Area
sensor
(D)
Proximity
sensor
(E)
Pressure
sensor
(F)
Rotary
encoder
(G)
Connector/
Socket
(H)
Temp.
controller
(I)
SSR/
Power
controller
(J)
Counter
(K)
Timer
(L)
Panel
meter
(M)
Tacho/
Speed/ Pulse
meter
(N)
Display
unit
(O)
Sensor
controller
(P)
Switching
mode power
supply
(Q)
Stepper
motor&
Driver&Controller
(R)
Graphic/
Logic
panel
(S)
Field
network
device
(T)
Software
(U)
Other
Dual PID Auto Tuning Control
1: Display Processing value(PV) (Red) 5: Mode key
9: Indicate EVENT 1 output
2: Display Setting value(SV) (Green)
6: Autotuning operation key
10: Indicate EVENT 2 output
3: Indicate SV2 operation
7: Setting keys
11: Procedure of setting key
4: Indicate Auto-tuning operation
8: Indicate control output operation
※Since TZ4SP uses same identification plate with TZ4ST, the lamp does not work even though it has a EV2 output signal lamp.
※There are no ( , ) Key in TZ4SP/TZ4ST/TZ4H/TZ4W and TZN4S/TZN4H/TZN4W.
※Control output indicator(OUT) does not work when it is used as current output type.
※Above explanations are the example of TZ4M. In case of TZ Series. Use the Key in brackets for setting(changing).
There are no
,(
)Key in TZN4S, TZ4SP and TZ4ST. It is not used for setting or changing the setting value.
96
96
100
13
Parts description
SV setting
TZ4L
TZN4L
1
1
3
3
2
2
6
6
7
7
8
8
9
9
10
4
4
5
5
TZN4S
TZ4ST/TZ4SP
TZN4M
TZ4M
Min. 98
92+0.80
● Panel cut-out
(unit: mm)
2
4
Press
( ) key to move the desired
digit.
(100→101→102→103→100)
Press
key to save the
value and it controls with this
set value.
3
Press
( ), ( ) key to move
the desired number (1 → 5).
1
Press any key among
( )key in
RUN mode, the right digit at SV
display flashes and it enters to
SV setting.
1
3
2
6
7
8
9
11
10
4
5
1
3
2
6
7
8
9
10
11
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com